Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4104IPFBREP Datasheet(PDF) 11 Page - Texas Instruments

Part # PCM4104IPFBREP
Description  High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4104IPFBREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM4104IPFBREP Datasheet HTML 7Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 8Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 9Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 10Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 11Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 12Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 13Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 14Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
www.ti.com
THD+N vs AMPLITUDE
Amplitude (dBFS)
−80
−85
−90
−95
−100
−105
−110
−115
−120
f
S = 192kHz
f
IN = 1kHz
24−Bit Data
THD+N vs AMPLITUDE
Amplitude (dBFS)
−80
−85
−90
−95
−100
−105
−110
−115
−120
f
S = 44.1kHz
f
IN = 1kHz
16−Bit Data
0
−20
−40
−60
−80
−100
−120
−140
−160
FREQUENCY RESPONSE
0
1
2
3
4
Frequency (x f
S)
0.003
0.002
0.001
0
−0.001
−0.002
−0.003
PASSBAND RIPPLE
0
0.1
0.2
0.3
0.4
0.5
Frequency (x f
S)
0.0
−1.0
−2.0
−3.0
−4.0
−5.0
−6.0
−7.0
−8.0
−9.0
−10.0
DE−EMPHASIS FILTER RESPONSE (f
S = 32kHz)
0
2
4
6
8
10
12
14
Frequency (kHz)
0.5
0.4
0.3
0.2
0.1
0.0
−0.1
−0.2
−0.3
−0.4
−0.5
DE−EMPHASIS ERROR (f
S = 32kHz)
0
2
4
6
8
10
12
14
Frequency (kHz)
PCM4104-EP
SBAS419 – JUNE 2007
TYPICAL CHARACTERISTICS (continued)
All parameters are specified at TA = 25°C with VCC = 5 V, VDD = 3.3 V, and a measurement bandwidth from 10 Hz to 20 kHz,
unless otherwise noted. System clock frequency is equal to 256fS for Single and Dual Rate sampling modes, and 128fS for
Quad Rate sampling mode.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com