Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4104IPFBREP Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM4104IPFBREP
Description  High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4104IPFBREP Datasheet(HTML) 5 Page - Texas Instruments

  PCM4104IPFBREP Datasheet HTML 1Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 2Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 3Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 4Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 5Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 6Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 7Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 8Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
www.ti.com
PCM4104-EP
SBAS419 – JUNE 2007
ELECTRICAL CHARACTERISTICS (continued)
All parameters are specified at TA = 25°C with VCC = 5 V, VDD = 3.3 V, (unless otherwise noted) and a measurement
bandwidth from 10 Hz to 20 kHz, unless otherwise noted. System clock frequency is equal to 256fS for Single and Dual Rate
sampling modes, and 128fS for Quad Rate sampling mode.
PCM4104
PARAMETER
CONDITIONS
UNITS
MIN
TYP
MAX
±0.002 dB
0.454fS
Hz
Passband
–3 dB
0.487fS
Hz
Stop Band
0.546fS
Hz
Passband ripple
±0.002
dB
0.546fs
–75
dB
Stopband attenuation
0.567fs
–82
dB
Group delay
29/fS
sec
De-emphasis filter error
0.1
dB
POWER SUPPLY
Supply Range
Analog supply, VCC
4.75
5.0
5.25
V
Digital supply, VDD
3.0
3.3
3.6
V
Power down current
VCC = 5 V, VDD = 3.3 V
Power-down supply current, ICC + IDD
RST = low, system and audio clocks off
1
mA
Quiescent current
System and audio clocks applied, all 0s data
VCC = 5 V, fS = 48 kHz ( for –40°C to
32
45
85
°C)
Analog supply, ICC
mA
VCC = 5 V, fS = 96 kHz
32
VCC = 5 V, fS = 192 kHz
32
VDD = 3.3 V, fS = 48 kHz ( for –40°C to
13
17
85
°C)
Digital supply, IDD
mA
VDD = 3.3 V, fS = 96 kHz
18
VDD = 3.3 V, fS = 192 kHz
23
VCC = 5 V, VDD = 3.3 V
fS = 48 kHz ( for –40°C to 85°C)
203
286
Total power dissipation
fS = 96 kHz
220
mW
fS = 192 kHz
236
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com