Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4104IPFBREP Datasheet(PDF) 33 Page - Texas Instruments

Part # PCM4104IPFBREP
Description  High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4104IPFBREP Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCM4104IPFBREP Datasheet HTML 29Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 30Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 31Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 32Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 33Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 34Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 35Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 36Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
www.ti.com
APPLICATION INFORMATION
Basic Circuit Configurations
Analog Output Filter Circuits
PCM4104-EP
SBAS419 – JUNE 2007
This section provides practical information for system and hardware engineers that are designing in the
PCM4104.
Figure 19 and Figure 20 show typical circuit configurations for the PCM4104 operated in Standalone and
Software modes. Power supply bypass and reference decoupling capacitors should be placed as close to the
corresponding PCM4104 pins as possible. A common ground is shown in both figures, with the analog and
digital ground pins connected to a common plane. Separate power supplies are utilized for the analog and digital
sections, with 5 V required for the PCM4104 analog supplies and 3.3 V required for the digital supply.
The 5 V analog supply may be derived from a higher valued, positive analog power supply using a linear voltage
regulator, such as the REG103 available from Texas Instruments. The 3.3 V digital supply can be derived from a
primary 5 V digital supply using a linear voltage regulator, such as the REG1117, also from TI. The
PCM4104EVM evaluation module provides an example of how the common ground with separate supply
approach can be successfully implemented. The PCM4104EVM User's Guide includes schematics and PCB
layout plots for reference. The evaluation module is available through Texas Instruments' distributors and sales
representatives, or may be ordered online through the TI eStore, which can be accessed through the TI home
page at http://www.ti.com.
The master clock generator supplies the system clock for the PCM4104, as well as the audio data source, such
as a digital signal processor. The LRCK and BCK audio clocks should be derived from the system clock, in order
to ensure synchronous operation.
An external output filter is recommended for each differential output pair. The external output filter further
reduces the out-of-band noise energy produced by the delta-sigma modulator, while providing band limiting
suitable for audio reproduction. A 2nd-order Butterworth low-pass filter circuit with a –3 dB corner frequency
from 50 kHz to 180 kHz is recommended.
The configuration of the output filter circuit is dependent upon whether a single-ended or differential output is
required. Single-ended outputs are commonly used in consumer playback systems, while differential or balanced
outputs are used in many professional audio applications, such as recording or broadcast studios and live sound
systems.
Figure 21 illustrates an active filter circuit that uses a single op amp to provide both 2nd-order low-pass filtering
and differential to single-ended signal conversion. This circuit is used on the PCM4104EVM evaluation circuit
and meets the published typical Electrical Characteristics for dynamic performance. The single-ended output is
convenient for connecting to both headphone and power amplifiers when used for listening tests.
The quality of the op amp used is this circuit is important, as many devices will degrade the dynamic range
and/or total harmonic distortion plus noise (THD+N) specifications for the PCM4104. An NE5534A is shown in
Figure 21 and provides both low noise and distortion. Bipolar input op amps with equivalent specifications
should produce similar measurement results. Devices that exhibit higher equivalent input noise voltage, such as
the Texas Instruments OPA134 or OPA604 families, will produce lower dynamic range measurements
(approximately 1 dB to 2 dB lower than the typical PCM4104 specification), while having little or no impact on
the THD+N specification when measuring a full-scale output level.
Figure 22 illustrates a fully-differential output filter circuit suitable for use with the PCM4104. The OPA1632 from
Texas Instruments provides the fully differential signal path in this circuit. The OPA1632 features very low noise
and distortion, making it suitable for high-end audio applications.
Texas Instruments provides a free software tool, FilterProt, used to assist in the design of active filter circuits.
The software supports design of multiple feedback (MFB), Sallen-Key, and fully differential filter circuits. FilterPro
is available from the TI web site. Additionally, TI document number SBAF001A, also available from the TI web
site, provides pertinent application information regarding the proper usage of the FilterPro program.
33
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com