Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4104IPFBREP Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM4104IPFBREP
Description  High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4104IPFBREP Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM4104IPFBREP Datasheet HTML 20Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 21Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 22Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 23Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 24Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 25Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 26Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 27Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
www.ti.com
STANDALONE MODE CONFIGURATION
Sampling Mode
Audio Data Format
Soft Mute Function
PCM4104-EP
SBAS419 – JUNE 2007
Standalone mode is selected by forcing the MODE input (pin 8) low. Standalone mode operation provides a
subset of the functions available in Software mode, while providing an option for a simplified control model.
Standalone configuration is accomplished by either hardwiring or driving a small set of input pins with external
logic or switches. Standalone mode functions include sampling mode and audio data format selection, an
all-channel soft mute function, and digital de-emphasis filtering. The following paragraphs provide a brief
description of each function available when using Standalone mode.
The sampling mode is selected using the FS0 (pin 28) and FS1 (pin 29) inputs. A more detailed discussion of
the sampling modes was provided in an earlier section of this data sheet. Table 2 summarizes the sampling
mode configuration for Standalone mode.
Table 2. Sampling Mode Configuration
FS1
FS0
SAMPLING MODE
0
0
Single Rate
0
1
Dual Rate
1
0
Quad Rate
1
1
- Not Used -
The audio data format is selected using the FMT0 (pin 25), FMT1 (pin 26), and FMT2 (pin 27) inputs. A detailed
discussion of the audio serial port operation and the corresponding data formats was provided in the Audio
Serial Port section on page 19. For Standalone mode, the LRCK polarity is always normal, while the serial audio
data is always sampled on the rising edge of the BCK clock. Table 3 shows the audio data format configuration
for Standalone mode.
Table 3. Audio Data Format Configuration
FMT2
FMT1
FMT0
AUDIO DATA FORMAT
0
0
0
24-bit left justified
0
0
1
24-bit I2S
0
1
0
TDM with zero BCK delay
0
1
1
TDM with one BCK delay
1
0
0
24-bit right justified
1
0
1
20-bit right justified
1
1
0
18-bit right justified
1
1
1
16-bit right justified
The MUTE input (pin 10) may be used in either the Standalone or Software modes to simultaneously mute the
four output channels. The soft mute function slowly ramps the digital output attenuation from its current setting to
the mute level, minimizing or eliminating audible artifacts. Table 4 summarizes MUTE function operation.
Table 4. Mute Function Configuration
MUTE
ANALOG OUTPUTS
0
On (mute disabled)
1
Muted
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com