Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4104IPFBREP Datasheet(PDF) 15 Page - Texas Instruments

Part # PCM4104IPFBREP
Description  High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4104IPFBREP Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCM4104IPFBREP Datasheet HTML 11Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 12Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 13Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 14Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 15Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 16Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 17Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 18Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
www.ti.com
VOLTAGE REFERENCES
(1) Capacitor(s) required for each of the four reference pairs.
V
REF+
(1)
V
COM1
0.01
µF
0.1
µF
0.1
µF
0.1
µF to 10µF
V
CC
V
COM2
V
REF−
(1)
SAMPLING MODES
PCM4104-EP
SBAS419 – JUNE 2007
PRODUCT OVERVIEW (continued)
The PCM4104 includes high and low reference pins for each output channel. VREF1+ (pin 5) and VREF1– (pin 4)
correspond to Channel 1. VREF2+ (pin 44) and VREF2– (pin 43) correspond to Channel 2. VREF3+ (pin 41) and
VREF3– (pin 42) correspond to Channel 3. VREF4+ (pin 32) and VREF4– (pin 33) correspond to Channel 4.
The high reference (+) pin may be connected to the corresponding VCC supply or an external 5-V reference,
while the low reference (–) pin is connected to analog ground. A 0.01-
μF bypass capacitor should be placed
between the corresponding high and low reference pins. An X7R ceramic chip capacitor is recommended for this
purpose. In some cases, a larger capacitor may need to be placed in parallel with the 0.01-
μF capacitor, with the
value of the larger capacitor being dependent upon the low-frequency power-supply noise present in the system.
Typical values may range from 1
μF to 10 μF. Low ESR tantalum or multilayer ceramic chip capacitors are
recommended. Figure 3 illustrates the recommended connections for the reference pins.
Figure 3. Recommended Connections for Voltage Reference and Common-Mode Output Pins
In addition to the reference pins, there are two common-mode voltage output pins, VCOM1 (pin 48) and VCOM2
(pin 37). These pins are nominally set to a value equal to VCC/2 by internal voltage dividers. The VCOM1 pin is
common to both Channels 1 and 2, while the VCOM2 pin is common to Channels 3 and 4. A 0.1-μF X7R ceramic
chip capacitor should be connected between the common-mode output pin and analog ground. The
common-mode outputs are used primarily to bias external output circuitry.
The PCM4104 can operate in one of three sampling modes: Single Rate, Dual Rate, or Quad Rate. Sampling
modes are selected by using the FS[1:0] bits in Control Register 6 in Software mode, or by using the FS0 (pin
28) and FS1 (pin 29) inputs in Standalone mode.
The Single Rate mode allows sampling frequencies up to and including 54 kHz. The D/A converter performs
128
× oversampling of the input data in Single Rate mode.
The Dual Rate mode allows sampling frequencies greater than 54 kHz, up to and including 108 kHz. The D/A
converter performs 64
× oversampling of the input data in Dual Rate mode.
The Quad Rate mode allows sampling frequencies greater than 108 kHz, up to and including 216 kHz. The D/A
converter performs 32
× oversampling of the input data in Quad Rate mode.
Refer to Table 1 for examples of system clock requirements for common sampling frequencies.
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com