Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE518-04/IP Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC12CE518-04/IP
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518-04/IP Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC12CE518-04/IP Datasheet HTML 16Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 17Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 18Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 19Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 20Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 21Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 22Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 23Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 113 page
background image
PIC12C5XX
DS40139E-page 20
© 1999 Microchip Technology Inc.
4.8
Indirect Data Addressing; INDF and
FSR Registers
The
INDF
register
is
not
a
physical
register.
Addressing INDF actually addresses the register
whose address is contained in the FSR register (FSR
is a
pointer). This is indirect addressing.
EXAMPLE 4-1:
INDIRECT ADDRESSING
• Register file 07 contains the value 10h
• Register file 08 contains the value 0Ah
• Load the value 07 into the FSR register
• A read of the INDF register will return the value
of 10h
• Increment the value of the FSR register by one
(FSR = 08)
• A read of the INDR register now will return the
value of 0Ah.
Reading INDF itself indirectly (FSR = 0) will produce
00h. Writing to the INDF register indirectly results in a
no-operation (although STATUS bits may be affected).
A simple program to clear RAM locations 10h-1Fh
using indirect addressing is shown in Example 4-2.
EXAMPLE 4-2:
HOW TO CLEAR RAM
USING INDIRECT
ADDRESSING
movlw
0x10
;initialize pointer
movwf
FSR
; to RAM
NEXT
clrf
INDF
;clear INDF register
incf
FSR,F
;inc pointer
btfsc
FSR,4
;all done?
goto
NEXT
;NO, clear next
CONTINUE
:
;YES, continue
The FSR is a 5-bit wide register. It is used in
conjunction with the INDF register to indirectly address
the data memory area.
The FSR<4:0> bits are used to select data memory
addresses 00h to 1Fh.
PIC12C508/PIC12C508A/PIC12CE518:
Does not
use banking. FSR<7:5> are unimplemented and read
as '1's.
PIC12C509/PIC12C509A/PIC12CR509A/
PIC12CE519: Uses FSR<5>. Selects between bank 0
and bank 1. FSR<7:6> is unimplemented, read as '1’ .
FIGURE 4-9:
DIRECT/INDIRECT ADDRESSING
Note 1: For register map detail see Section 4.2.
Note 2: PIC12C509, PIC12C509A, PIC12CR509A, PIC12CE519.
bank
location select
location select
bank select
Indirect Addressing
Direct Addressing
Data
Memory(1)
0Fh
10h
Bank 0
Bank 1(2)
0
4
5
6
(FSR)
00
01
00h
1Fh
3Fh
(opcode)
0
4
5
6
(FSR)
Addresses
map back to
addresses
in Bank 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com