Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE518-04/IP Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC12CE518-04/IP
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518-04/IP Datasheet(HTML) 5 Page - Microchip Technology

  PIC12CE518-04/IP Datasheet HTML 1Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 2Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 3Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 4Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 5Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 6Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 7Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 8Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 113 page
background image
© 1999 Microchip Technology Inc.
DS40139E-page 5
PIC12C5XX
TABLE 1-1:
PIC12CXXX & PIC12CEXXX FAMILY OF DEVICES
PIC12C508(A) PIC12C509(A) PIC12CR509A PIC12CE518 PIC12CE519 PIC12C671 PIC12C672 PIC12CE673 PIC12CE674
Clock
Maximum
Frequency
of Operation
(MHz)
44
44
4
10
10
10
10
Memory
EPROM
Program
Memory
512 x 12
1024 x 12
1024 x 12
(ROM)
512 x 12
1024 x 12
1024 x 14
2048 x 14
1024 x 14
2048 x 14
RAM Data
Memory
(bytes)
25
41
41
25
41
128
128
128
128
Peripherals
EEPROM
Data Memory
(bytes)
——
—16
16
—
—
16
16
Timer
Module(s)
TMR0
TMR0
TMR0
TMR0
TMR0
TMR0
TMR0
TMR0
TMR0
A/D Con-
verter (8-bit)
Channels
——
——
—
4
4
4
4
Features
Wake-up
from SLEEP
on pin
change
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Interrupt
Sources
——
—
4
4
4
4
I/O Pins
5
5
5
5
5
5
5
5
5
Input Pins
11
11
1
1
1
1
1
Internal
Pull-ups
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
In-Circuit
Serial
Programming
Yes
Yes
—
Yes
Yes
Yes
Yes
Yes
Yes
Number of
Instructions
33
33
33
33
33
35
35
35
35
Packages
8-pin DIP,
JW, SOIC
8-pin DIP,
JW, SOIC
8-pin DIP,
SOIC
8-pin DIP,
JW, SOIC
8-pin DIP,
JW, SOIC
8-pin DIP,
JW, SOIC
8-pin DIP,
JW, SOIC
8-pin DIP,
JW
8-pin DIP,
JW
All PIC12CXXX & PIC12CEXXX devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high I/O
current capability.
All PIC12CXXX & PIC12CEXXX devices use serial programming with data pin GP0 and clock pin GP1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com