Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE518-04/IP Datasheet(PDF) 45 Page - Microchip Technology

Part # PIC12CE518-04/IP
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518-04/IP Datasheet(HTML) 45 Page - Microchip Technology

Back Button PIC12CE518-04/IP Datasheet HTML 41Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 42Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 43Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 44Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 45Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 46Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 47Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 48Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 113 page
background image
© 1999 Microchip Technology Inc.
DS40139E-page 45
PIC12C5XX
8.9
Power-Down Mode (SLEEP)
A device may be powered down (SLEEP) and later
powered up (Wake-up from SLEEP).
8.9.1
SLEEP
The Power-Down mode is entered by executing a
SLEEP
instruction.
If enabled, the Watchdog Timer will be cleared but
keeps running, the TO bit (STATUS<4>) is set, the PD
bit (STATUS<3>) is cleared and the oscillator driver is
turned off. The I/O ports maintain the status they had
before the SLEEP instruction was executed (driving
high, driving low, or hi-impedance).
It should be noted that a RESET generated by a WDT
time-out does not drive the MCLR pin low.
For lowest current consumption while powered down,
the T0CKI input should be at VDD or VSS and the GP3/
MCLR/VPP pin must be at a logic high level (VIHMC) if
MCLR is enabled.
8.9.2
WAKE-UP FROM SLEEP
The device can wake-up from SLEEP through one of
the following events:
1.
An external reset input on GP3/MCLR/VPP pin,
when configured as MCLR.
2.
A Watchdog Timer time-out reset (if WDT was
enabled).
3.
A change on input pin GP0, GP1, or GP3/
MCLR/VPP
when
wake-up
on
change
is
enabled.
These events cause a device reset. The TO, PD, and
GPWUF bits can be used to determine the cause of
device reset. The TO bit is cleared if a WDT time-out
occurred (and caused wake-up). The PD bit, which is
set on power-up, is cleared when SLEEP is invoked.
The GPWUF bit indicates a change in state while in
SLEEP at pins GP0, GP1, or GP3 (since the last time
there was a file or bit operation on GP port).
The WDT is cleared when the device wakes from
sleep, regardless of the wake-up source.
Caution: Right before entering SLEEP, read the
input pins. When in SLEEP, wake up
occurs when the values at the pins change
from the state they were in at the last
reading. If a wake-up on change occurs
and
the
pins
are
not
read
before
reentering SLEEP, a wake up will occur
immediately even if no pins change while
in SLEEP mode.
8.10
Program Verification/Code Protection
If the code protection bit has not been programmed,
the on-chip program memory can be read out for
verification purposes.
The first 64 locations can be read by the PIC12C5XX
regardless of the code protection bit setting.
The last memory location cannot be read if code pro-
tection is enabled on the PIC12C508/509.
The last memory location can be read regardless of the
code protection bit setting on the PIC12C508A/509A/
CR509A/CE518/CE519.
8.11
ID Locations
Four memory locations are designated as ID locations
where the user can store checksum or other code-
identification
numbers.
These
locations
are
not
accessible during normal execution but are readable
and writable during program/verify.
Use only the lower 4 bits of the ID locations and
always program the upper 8 bits as ’0’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com