Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE518-04/IP Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC12CE518-04/IP
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518-04/IP Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC12CE518-04/IP Datasheet HTML 75Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 76Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 77Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 78Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 79Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 80Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 81Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 82Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 113 page
background image
© 1999 Microchip Technology Inc.
DS40139E-page 79
PIC12C5XX
13.0
ELECTRICAL CHARACTERISTICS - PIC12C508A/PIC12C509A/
PIC12LC508A/PIC12LC509A/PIC12CR509A/PIC12CE518/PIC12CE519/
PIC12LCE518/PIC12LCE519/PIC12LCR509A
Absolute Maximum Ratings†
Ambient Temperature under bias ........................................................................................................... –40°C to +125°C
Storage Temperature ............................................................................................................................. –65°C to +150°C
Voltage on VDD with respect to VSS .................................................................................................................0 to +7.0 V
Voltage on MCLR with respect to VSS...............................................................................................................0 to +14 V
Voltage on all other pins with respect to VSS ............................................................................... –0.3 V to (VDD + 0.3 V)
Total Power Dissipation(1) .................................................................................................................................... 700 mW
Max. Current out of VSS pin .................................................................................................................................. 200 mA
Max. Current into VDD pin ..................................................................................................................................... 150 mA
Input Clamp Current, IIK (VI < 0 or VI > VDD)
.................................................................................................................... ±20 mA
Output Clamp Current, IOK (VO < 0 or VO > VDD)
............................................................................................................. ±20 mA
Max. Output Current sunk by any I/O pin ................................................................................................................ 25 mA
Max. Output Current sourced by any I/O pin........................................................................................................... 25 mA
Max. Output Current sourced by I/O port (GPIO) ................................................................................................. 100 mA
Max. Output Current sunk by I/O port (GPIO )...................................................................................................... 100 mA
Note 1: Power Dissipation is calculated as follows: PDIS = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOL x IOL)
†NOTICE: Stresses above those listed under "Maximum Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com