Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE518-04/IP Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC12CE518-04/IP
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518-04/IP Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC12CE518-04/IP Datasheet HTML 52Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 53Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 54Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 55Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 56Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 57Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 58Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 59Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 113 page
background image
PIC12C5XX
DS40139E-page 56
© 1999 Microchip Technology Inc.
SLEEP
Enter SLEEP Mode
Syntax:
[
label]
SLEEP
Operands:
None
Operation:
00h
→ WDT;
0
→ WDT prescaler;
1
→ TO;
0
→ PD
Status Affected:
TO, PD, GPWUF
Encoding:
0000
0000
0011
Description:
Time-out status bit (TO) is set. The
power down status bit (PD) is cleared.
GPWUF is unaffected.
The WDT and its prescaler are
cleared.
The processor is put into SLEEP mode
with the oscillator stopped. See sec-
tion on SLEEP for more details.
Words:
1
Cycles:
1
Example:
SLEEP
SUBWF
Subtract W from f
Syntax:
[
label]
SUBWF f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(f) – (W)
→ (dest)
Status Affected:
C, DC, Z
Encoding:
0000
10df
ffff
Description:
Subtract (2’s complement method) the
W register from register 'f'. If 'd' is 0 the
result is stored in the W register. If 'd' is
1 the result is stored back in register 'f'.
Words:
1
Cycles:
1
Example 1:
SUBWF
REG1, 1
Before Instruction
REG1
=
3
W=
2
C=
?
After Instruction
REG1
=
1
W=
2
C
=
1
; result is positive
Example 2:
Before Instruction
REG1
=
2
W=
2
C=
?
After Instruction
REG1
=
0
W=
2
C
=
1
; result is zero
Example 3:
Before Instruction
REG1
=
1
W=
2
C=
?
After Instruction
REG1
=
FF
W=
2
C
=
0
; result is negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com