Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE518-04/IP Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC12CE518-04/IP
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518-04/IP Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC12CE518-04/IP Datasheet HTML 14Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 15Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 16Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 17Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 18Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 19Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 20Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 21Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 113 page
background image
PIC12C5XX
DS40139E-page 18
© 1999 Microchip Technology Inc.
4.5
OSCCAL Register
The Oscillator Calibration (OSCCAL) register is used to
calibrate the internal 4 MHz oscillator. It contains four to
six bits for calibration.
Increasing the cal value
increases the frequency. See Section 7.2.5 for more
information on the internal oscillator.
FIGURE 4-6:
OSCCAL REGISTER (ADDRESS 05h) FOR PIC12C508 AND PIC12C509
FIGURE 4-7:
OSCCAL REGISTER (ADDRESS 05h) FOR PIC12C508A/C509A/CR509A/12CE518/
12CE519
R/W-0
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
U-0
U-0
CAL3
CAL2
CAL1
CAL0
—
—
—
—
R
= Readable bit
W = Writable bit
U
= Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7-4:
CAL<3:0>: Calibration
bit 3-0: Unimplemented: Read as ’0’
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
—
—
R
= Readable bit
W = Writable bit
U
= Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7-2:
CAL<5:0>: Calibration
bit 1-0: Unimplemented: Read as ’0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com