Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE518-04/IP Datasheet(PDF) 72 Page - Microchip Technology

Part # PIC12CE518-04/IP
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518-04/IP Datasheet(HTML) 72 Page - Microchip Technology

Back Button PIC12CE518-04/IP Datasheet HTML 68Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 69Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 70Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 71Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 72Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 73Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 74Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 75Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 113 page
background image
PIC12C5XX
DS40139E-page 72
© 1999 Microchip Technology Inc.
TABLE 11-4:
TIMING REQUIREMENTS - PIC12C508/C509
FIGURE 11-4: RESET, WATCHDOG TIMER, AND DEVICE RESET TIMER TIMING - PIC12C508/C509
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
0
°C ≤ TA ≤ +70°C (commercial)
–40
°C ≤ TA ≤ +85°C (industrial)
–40
°C ≤ TA ≤ +125°C (extended)
Operating Voltage VDD range is described in Section 11.1
Parameter
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
17
TosH2ioV
OSC1
↑ (Q1 cycle) to Port out valid(3)
—
—
100*
ns
18
TosH2ioI
OSC1
↑ (Q2 cycle) to Port input invalid
(I/O in hold time)
TBD
—
—
ns
19
TioV2osH
Port input valid to OSC1
↑
(I/O in setup time)
TBD
—
—
ns
20
TioR
Port output rise time(2, 3)
—10
25**
ns
21
TioF
Port output fall time(2, 3)
—10
25**
ns
*
These parameters are characterized but not tested.
** These parameters are design targets and are not tested. No characterization data available at this time.
Note 1: Data in the Typical (“Typ”) column is at 5V, 25°C unless otherwise stated. These parameters are for design
guidance only and are not tested.
2: Measurements are taken in EXTRC mode.
3: See Figure 11-1 for loading conditions.
VDD
MCLR
Internal
POR
DRT
Timeout
Internal
RESET
Watchdog
Timer
RESET
32
31
34
I/O pin
32
32
34
(Note 1)
Note 1: I/O pins must be taken out of hi-impedance mode by enabling the output drivers in software.
30
(Note 2)
2: Runs in MCLR or WDT reset only in XT and LP modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com