Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE518-04/IP Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC12CE518-04/IP
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518-04/IP Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC12CE518-04/IP Datasheet HTML 49Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 50Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 51Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 52Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 53Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 54Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 55Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 56Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 113 page
background image
© 1999 Microchip Technology Inc.
DS40139E-page 53
PIC12C5XX
INCF
Increment f
Syntax:
[
label ]
INCF f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(f) + 1
→ (dest)
Status Affected:
Z
Encoding:
0010
10df
ffff
Description:
The contents of register ’f’ are incre-
mented. If ’d’ is 0 the result is placed in
the W register. If ’d’ is 1 the result is
placed back in register ’f’.
Words:
1
Cycles:
1
Example:
INCF
CNT,
1
Before Instruction
CNT
=
0xFF
Z=
0
After Instruction
CNT
=
0x00
Z=
1
INCFSZ
Increment f, Skip if 0
Syntax:
[
label ]
INCFSZ f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(f) + 1
→ (dest), skip if result = 0
Status Affected:
None
Encoding:
0011
11df
ffff
Description:
The contents of register ’f’ are incre-
mented. If ’d’ is 0 the result is placed in
the W register. If ’d’ is 1 the result is
placed back in register ’f’.
If the result is 0, then the next instruc-
tion, which is already fetched, is dis-
carded and an NOP is executed
instead making it a two cycle instruc-
tion.
Words:
1
Cycles:
1(2)
Example:
HERE
INCFSZ
CNT,
1
GOTO
LOOP
CONTINUE •
•
•
Before Instruction
PC
=
address (HERE)
After Instruction
CNT
=
CNT + 1;
if CNT
=
0,
PC
=
address (CONTINUE);
if CNT
≠
0,
PC
=
address (HERE +1)
IORLW
Inclusive OR literal with W
Syntax:
[
label ]
IORLW k
Operands:
0
≤ k ≤ 255
Operation:
(W) .OR. (k)
→ (W)
Status Affected:
Z
Encoding:
1101
kkkk
kkkk
Description:
The contents of the W register are
OR’ed with the eight bit literal 'k'. The
result is placed in the W register.
Words:
1
Cycles:
1
Example:
IORLW
0x35
Before Instruction
W
=
0x9A
After Instruction
W=
0xBF
Z=
0
IORWF
Inclusive OR W with f
Syntax:
[
label ]
IORWF
f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(W).OR. (f)
→ (dest)
Status Affected:
Z
Encoding:
0001
00df
ffff
Description:
Inclusive OR the W register with regis-
ter 'f'. If 'd' is 0 the result is placed in
the W register. If 'd' is 1 the result is
placed back in register 'f'.
Words:
1
Cycles:
1
Example:
IORWF
RESULT, 0
Before Instruction
RESULT =
0x13
W
=
0x91
After Instruction
RESULT =
0x13
W
=
0x93
Z=
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com