Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE518-04/IP Datasheet(PDF) 77 Page - Microchip Technology

Part # PIC12CE518-04/IP
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518-04/IP Datasheet(HTML) 77 Page - Microchip Technology

Back Button PIC12CE518-04/IP Datasheet HTML 73Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 74Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 75Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 76Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 77Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 78Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 79Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 80Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 113 page
background image
© 1999 Microchip Technology Inc.
DS40139E-page 77
PIC12C5XX
FIGURE 12-5: IOH vs. VOH, VDD = 2.5 V
FIGURE 12-6: IOH vs. VOH, VDD = 5.5 V
500m
1.0
1.5
VOH (Volts)
2.0
2.5
0
-1
-2
-3
-4
-5
-6
-7
Min +
125°C
Max –40°
C
Typ +25°
C
Min +
85°C
3.5
4.0
4.5
VOH (Volts)
5.0
5.5
0
-5
-10
-15
-20
-25
-30
M
in
+1
25
°C
FIGURE 12-7: IOL vs. VOL, VDD = 2.5 V
FIGURE 12-8: IOL vs. VOL, VDD = 5.5 V
25
20
15
10
5
0
250.0m
500.0m
1.0
VOL (Volts)
Min +85
°C
Max –40
°C
Typ +25
°C
0
Min +125
°C
50
40
30
20
10
0
500.0m
750.0m
1.0
VOL (Volts)
250.0m
Min +85
°C
Max –40
°C
Typ +25
°C
Min +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com