Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE518-04/IP Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC12CE518-04/IP
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518-04/IP Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC12CE518-04/IP Datasheet HTML 10Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 11Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 12Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 13Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 14Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 15Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 16Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 17Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 113 page
background image
PIC12C5XX
DS40139E-page 14
© 1999 Microchip Technology Inc.
4.2
Data Memory Organization
Data memory is composed of registers, or bytes of
RAM. Therefore, data memory for a device is specified
by its register file. The register file is divided into two
functional groups: special function registers and
general purpose registers.
The special function registers include the TMR0
register, the Program Counter (PC), the Status
Register, the I/O registers (ports), and the File Select
Register (FSR). In addition, special purpose registers
are used to control the I/O port configuration and
prescaler options.
The general purpose registers are used for data and
control information under command of the instructions.
For the PIC12C508, PIC12C508A and PIC12CE518,
the register file is composed of 7 special function
registers and 25 general purpose registers (Figure 4-
2).
For the PIC12C509, PIC12C509A, PIC12CR509A,
and PIC12CE519 the register file is composed of 7
special
function
registers,
25
general
purpose
registers, and 16 general purpose registers that may
be addressed using a banking scheme (Figure 4-3).
4.2.1
GENERAL PURPOSE REGISTER FILE
The general purpose register file is accessed either
directly or indirectly through the file select register FSR
(Section 4.8).
FIGURE 4-2:
PIC12C508, PIC12C508A AND
PIC12CE518 REGISTER FILE
MAP
File Address
00h
01h
02h
03h
04h
05h
06h
07h
1Fh
INDF(1)
TMR0
PCL
STATUS
FSR
OSCCAL
GPIO
General
Purpose
Registers
Note
1:
Not a physical register. See Section 4.8
FIGURE 4-3:
PIC12C509, PIC12C509A, PIC12CR509A AND PIC12CE519 REGISTER FILE MAP
File Address
00h
01h
02h
03h
04h
05h
06h
07h
1Fh
INDF(1)
TMR0
PCL
STATUS
FSR
OSCCAL
GPIO
0Fh
10h
Bank 0
Bank 1
3Fh
30h
20h
2Fh
General
Purpose
Registers
General
Purpose
Registers
General
Purpose
Registers
Addresses map
back to
addresses
in Bank 0.
Note
1:
Not a physical register. See Section 4.8
FSR<6:5>
00
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com