Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE518-04/IP Datasheet(PDF) 57 Page - Microchip Technology

Part # PIC12CE518-04/IP
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518-04/IP Datasheet(HTML) 57 Page - Microchip Technology

Back Button PIC12CE518-04/IP Datasheet HTML 53Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 54Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 55Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 56Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 57Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 58Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 59Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 60Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 113 page
background image
© 1999 Microchip Technology Inc.
DS40139E-page 57
PIC12C5XX
SWAPF
Swap Nibbles in f
Syntax:
[
label ] SWAPF f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(f<3:0>)
→ (dest<7:4>);
(f<7:4>)
→ (dest<3:0>)
Status Affected:
None
Encoding:
0011
10df
ffff
Description:
The upper and lower nibbles of register
’f’ are exchanged. If ’d’ is 0 the result is
placed in W register. If ’d’ is 1 the result
is placed in register ’f’.
Words:
1
Cycles:
1
Example
SWAPF
REG1,
0
Before Instruction
REG1
=
0xA5
After Instruction
REG1
=
0xA5
W
=
0X5A
TRIS
Load TRIS Register
Syntax:
[
label ] TRIS
f
Operands:
f = 6
Operation:
(W)
→ TRIS register f
Status Affected:
None
Encoding:
0000
0000
0fff
Description:
TRIS register ’f’ (f = 6) is loaded with the
contents of the W register
Words:
1
Cycles:
1
Example
TRIS
GPIO
Before Instruction
W=
0XA5
After Instruction
TRIS
=
0XA5
Note:
f = 6 for PIC12C5XX only.
XORLW
Exclusive OR literal with W
Syntax:
[
label]XORLW k
Operands:
0
≤ k ≤ 255
Operation:
(W) .XOR. k
→ (W)
Status Affected:
Z
Encoding:
1111
kkkk
kkkk
Description:
The contents of the W register are
XOR’ed with the eight bit literal 'k'. The
result is placed in the W register.
Words:
1
Cycles:
1
Example:
XORLW
0xAF
Before Instruction
W=
0xB5
After Instruction
W
=
0x1A
XORWF
Exclusive OR W with f
Syntax:
[
label ] XORWF
f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(W) .XOR. (f)
→ (dest)
Status Affected:
Z
Encoding:
0001
10df
ffff
Description:
Exclusive OR the contents of the W
register with register 'f'. If 'd' is 0 the
result is stored in the W register. If 'd' is
1 the result is stored back in register 'f'.
Words:
1
Cycles:
1
Example
XORWF
REG,1
Before Instruction
REG
=
0xAF
W=
0xB5
After Instruction
REG
=
0x1A
W=
0xB5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com