Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE518-04/IP Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC12CE518-04/IP
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518-04/IP Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC12CE518-04/IP Datasheet HTML 48Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 49Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 50Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 51Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 52Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 53Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 54Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 55Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 113 page
background image
PIC12C5XX
DS40139E-page 52
© 1999 Microchip Technology Inc.
COMF
Complement f
Syntax:
[
label ] COMF
f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(f)
→ (dest)
Status Affected:
Z
Encoding:
0010
01df
ffff
Description:
The contents of register ’f’ are comple-
mented. If ’d’ is 0 the result is stored in
the W register. If ’d’ is 1 the result is
stored back in register ’f’.
Words:
1
Cycles:
1
Example:
COMF
REG1,0
Before Instruction
REG1
=
0x13
After Instruction
REG1
=
0x13
W=
0xEC
DECF
Decrement f
Syntax:
[
label ] DECF f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(f) – 1
→ (dest)
Status Affected:
Z
Encoding:
0000
11df
ffff
Description:
Decrement register ’f’. If ’d’ is 0 the
result is stored in the W register. If ’d’ is
1 the result is stored back in register ’f’.
Words:
1
Cycles:
1
Example:
DECF
CNT,
1
Before Instruction
CNT
=
0x01
Z=
0
After Instruction
CNT
=
0x00
Z=
1
DECFSZ
Decrement f, Skip if 0
Syntax:
[
label ] DECFSZ f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(f) – 1
→ d; skip if result = 0
Status Affected:
None
Encoding:
0010
11df
ffff
Description:
The contents of register ’f’ are decre-
mented. If ’d’ is 0 the result is placed in
the W register. If ’d’ is 1 the result is
placed back in register ’f’.
If the result is 0, the next instruction,
which is already fetched, is discarded
and an NOP is executed instead mak-
ing it a two cycle instruction.
Words:
1
Cycles:
1(2)
Example:
HERE
DECFSZ
CNT, 1
GOTO
LOOP
CONTINUE •
•
•
Before Instruction
PC
=
address
(HERE)
After Instruction
CNT
=
CNT - 1;
if CNT
=
0,
PC
=
address (CONTINUE);
if CNT
≠
0,
PC
=
address (HERE+1)
GOTO
Unconditional Branch
Syntax:
[
label ]
GOTO k
Operands:
0
≤ k ≤ 511
Operation:
k
→ PC<8:0>;
STATUS<6:5>
→ PC<10:9>
Status Affected:
None
Encoding:
101k
kkkk
kkkk
Description:
GOTO
is an unconditional branch. The
9-bit immediate value is loaded into PC
bits <8:0>. The upper bits of PC are
loaded from STATUS<6:5>. GOTO is a
two cycle instruction.
Words:
1
Cycles:
2
Example:
GOTO THERE
After Instruction
PC =
address
(THERE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com