Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE518-04/IP Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC12CE518-04/IP
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518-04/IP Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC12CE518-04/IP Datasheet HTML 51Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 52Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 53Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 54Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 55Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 56Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 57Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 58Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 113 page
background image
© 1999 Microchip Technology Inc.
DS40139E-page 55
PIC12C5XX
OPTION
Load OPTION Register
Syntax:
[
label ]
OPTION
Operands:
None
Operation:
(W)
→ OPTION
Status Affected:
None
Encoding:
0000
0000
0010
Description:
The content of the W register is loaded
into the OPTION register.
Words:
1
Cycles:
1
Example
OPTION
Before Instruction
W=
0x07
After Instruction
OPTION =
0x07
RETLW
Return with Literal in W
Syntax:
[
label ]
RETLW k
Operands:
0
≤ k ≤ 255
Operation:
k
→ (W);
TOS
→ PC
Status Affected:
None
Encoding:
1000
kkkk
kkkk
Description:
The W register is loaded with the eight
bit literal ’k’. The program counter is
loaded from the top of the stack (the
return address). This is a two cycle
instruction.
Words:
1
Cycles:
2
Example:
TABLE
CALL TABLE ;W contains
;table offset
;value.
•
;W now has table
•
;value.
•
ADDWF PC
;W = offset
RETLW k1
;Begin table
RETLW k2
;
•
•
•
RETLW kn
; End of table
Before Instruction
W=
0x07
After Instruction
W=
value of k8
RLF
Rotate Left f through Carry
Syntax:
[
label ] RLF
f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
See description below
Status Affected:
C
Encoding:
0011
01df
ffff
Description:
The contents of register ’f’ are rotated
one bit to the left through the Carry
Flag. If ’d’ is 0 the result is placed in the
W register. If ’d’ is 1 the result is stored
back in register ’f’.
Words:
1
Cycles:
1
Example:
RLF
REG1,0
Before Instruction
REG1
=
1110 0110
C=
0
After Instruction
REG1
=
1110 0110
W=
1100 1100
C=
1
RRF
Rotate Right f through Carry
Syntax:
[
label ]
RRF f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
See description below
Status Affected:
C
Encoding:
0011
00df
ffff
Description:
The contents of register ’f’ are rotated
one bit to the right through the Carry
Flag. If ’d’ is 0 the result is placed in the
W register. If ’d’ is 1 the result is placed
back in register ’f’.
Words:
1
Cycles:
1
Example:
RRF
REG1,0
Before Instruction
REG1
=
1110 0110
C=
0
After Instruction
REG1
=
1110 0110
W=
0111 0011
C=
0
C
register ’f’
C
register ’f’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com