Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE518-04/IP Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC12CE518-04/IP
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518-04/IP Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC12CE518-04/IP Datasheet HTML 40Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 41Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 42Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 43Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 44Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 45Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 46Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 47Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 113 page
background image
PIC12C5XX
DS40139E-page 44
© 1999 Microchip Technology Inc.
8.7
Time-Out Sequence, Power Down,
and Wake-up from SLEEP Status Bits
(TO/PD/GPWUF)
The TO, PD, and GPWUF bits in the STATUS register
can be tested to determine if a RESET condition has
been caused by a power-up condition, a MCLR or
Watchdog Timer (WDT) reset.
8.8
Reset on Brown-Out
A brown-out is a condition where device power (VDD)
dips below its minimum value, but not to zero, and then
recovers. The device should be reset in the event of a
brown-out.
To reset PIC12C5XX devices when a brown-out
occurs, external brown-out protection circuits may be
built, as shown in Figure 8-13 , Figure 8-14 and
Figure 8-15
FIGURE 8-13: BROWN-OUT PROTECTION
CIRCUIT 1
TABLE 8-7:
TO/PD/GPWUF STATUS
AFTER RESET
GPWUF
TO
PD
RESET caused by
0
0
0
WDT wake-up from
SLEEP
0
0
u
WDT time-out (not from
SLEEP)
01
0
MCLR wake-up from
SLEEP
01
1
Power-up
0u
u
MCLR not during SLEEP
1
1
0
Wake-up from SLEEP on
pin change
Legend: u = unchanged
Note 1: The TO, PD, and GPWUF bits maintain
their status (u) until a reset occurs. A low-
pulse on the MCLR input does not change
the TO, PD, and GPWUF status bits.
This circuit will activate reset when VDD goes below
Vz + 0.7V (where Vz = Zener voltage).
*Refer to Figure 8-7 and Table 11-1 for internal
weak pull-up on MCLR.
33k
10k
40k*
MCLR
PIC12C5XX
VDD
Q1
VDD
VDD
FIGURE 8-14: BROWN-OUT PROTECTION
CIRCUIT 2
FIGURE 8-15: BROWN-OUT PROTECTION
CIRCUIT 3
This brown-out circuit is less expensive, although
less accurate. Transistor Q1 turns off when VDD
is below a certain level such that:
*Refer to Figure 8-7 and Table 11-1 for internal
weak pull-up on MCLR.
VDD •
R1
R1 + R2
= 0.7V
R2
40k*
MCLR
PIC12C5XX
R1
Q1
VDD
VDD
VDD
This
brown-out
protection
circuit
employs
Microchip Technology’s MCP809 microcontroller
supervisor. The MCP8XX and MCP1XX family of
supervisors provide push-pull and open collector
outputs with both high and low active reset pins.
There are 7 different trip point selections to
accomodate 5V and 3V systems.
MCLR
PIC12C5XX
VDD
VDD
Vss
RST
MCP809
VDD
bypass
capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com