Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE518-04/IP Datasheet(PDF) 54 Page - Microchip Technology

Part # PIC12CE518-04/IP
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518-04/IP Datasheet(HTML) 54 Page - Microchip Technology

Back Button PIC12CE518-04/IP Datasheet HTML 50Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 51Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 52Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 53Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 54Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 55Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 56Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 57Page - Microchip Technology PIC12CE518-04/IP Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 113 page
background image
PIC12C5XX
DS40139E-page 54
© 1999 Microchip Technology Inc.
MOVF
Move f
Syntax:
[
label ]
MOVF f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(f)
→ (dest)
Status Affected:
Z
Encoding:
0010
00df
ffff
Description:
The contents of register ’f’ is moved to
destination ’d’. If ’d’ is 0, destination is
the W register. If ’d’ is 1, the destination
is file register ’f’. ’d’ is 1 is useful to test
a file register since status flag Z is
affected.
Words:
1
Cycles:
1
Example:
MOVF
FSR,
0
After Instruction
W
=
value in FSR register
MOVLW
Move Literal to W
Syntax:
[
label ]
MOVLW k
Operands:
0
≤ k ≤ 255
Operation:
k
→ (W)
Status Affected:
None
Encoding:
1100
kkkk
kkkk
Description:
The eight bit literal ’k’ is loaded into the
W register. The don’t cares will assem-
ble as 0s.
Words:
1
Cycles:
1
Example:
MOVLW
0x5A
After Instruction
W=
0x5A
MOVWF
Move W to f
Syntax:
[
label ]
MOVWF
f
Operands:
0
≤ f ≤ 31
Operation:
(W)
→ (f)
Status Affected:
None
Encoding:
0000
001f
ffff
Description:
Move data from the W register to regis-
ter 'f'
.
Words:
1
Cycles:
1
Example:
MOVWF
TEMP_REG
Before Instruction
TEMP_REG
=
0xFF
W
=
0x4F
After Instruction
TEMP_REG
=
0x4F
W
=
0x4F
NOP
No Operation
Syntax:
[
label ]
NOP
Operands:
None
Operation:
No operation
Status Affected:
None
Encoding:
0000
0000
0000
Description:
No operation.
Words:
1
Cycles:
1
Example:
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com