Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # C5EC3EARCH-RM/D
Description  C-3e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5EC3EARCH-RM/D Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button C5EC3EARCH-RM/D Datasheet HTML 22Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 23Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 24Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 25Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 26Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 27Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 28Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 29Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 114 page
background image
26
CHAPTER 1: FUNCTIONAL DESCRIPTION
C3EN
Queue Management Unit
The Queue Management Unit (QMU) autonomously manages a number of
application-defined descriptor queues. It handles inter-CP and inter-C-3e NP descriptor
flows by providing switching and buffering. It also performs descriptor replication for
multicast applications. A number of up to 128 queues can be assigned to each CPRC for
QoS-based services.
The QMU provides a queuing engine internal to the chip and uses external SRAM to store
the descriptors. Scheduling is done by the CPs. The QMU supports up to 512 queues and
16, 384 descriptor buffers. A descriptor buffer holds an application-defined “descriptor”,
which is a structure that defines the payload buffer handle and other attributes of the
forwarded cell or packet.
The QMU’s external SRAM interface uses ZBT synchronous SRAMs organized in a single
bank of up to 128k, 32bit words. This interface runs at up to 150MHz frequency.
The C-3e provides two modes for managing queues. They consist of:
• Internal Mode (using the internal QMU only)
• External Mode (using the internal QMU and the external Q-5 Traffic Management
Coprocessor, or using the internal QMU and the external Q-3 Traffic Management
Coprocessor)
.
See the C-5e/C-3e Network Processor Architecture Guide (part number C5EC3EARCH-RM/D),
as well as, the Q-5/Q-3 Traffic Management Coprocessor Architecture Guide (part number
Q5Q3ARCH-RM/D)
for more details.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com