Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # C5EC3EARCH-RM/D
Description  C-3e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5EC3EARCH-RM/D Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button C5EC3EARCH-RM/D Datasheet HTML 82Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 83Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 84Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 85Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 86Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 87Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 88Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 89Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 114 page
background image
86
CHAPTER 3: ELECTRICAL SPECIFICATIONS
C3EN
OC-12 Timing Specifications
The OC-12 interface timing is shown in Figure 18 and described in Table 43.
Figure 18 OC-12 Timing Diagram
CPn_1 (TCLKI)
Cycle 1
Cycle 1
Cycle 2
Cycle 3
Cycle 3
Cycle 4
Cycle 5
CPn_0 (TCLK)
CPn+1_2-5 (Tx)
CPn_1 (RCLK)
CPn+2_2-6 (Rx)
CPn+3_2-5 (Rx)
Tc12i
Tc12t
Tc12r
Tc12o
Tc12s
Tc12h
Cycle 2
Tc12d
Table 43 OC-12 Timing Description
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
Tc12i
OC-12 Transmit Cycle Time*
* Input from PHY
12.86
ns
Tc12d
OC-3 Clock Duty Cycle
40
60
%
Tc12t
OC-12 Transmit Cycle Time†
† Output from C-3e NP
12.86
ns
Tc12o
OC-12 Output Time‡
‡ Aligned to TCLK
3.0
10.0
ns
Tc12r
OC-12 Receive Cycle Time
12.0
12.86
ns
Tc12s
OC-12 Setup Time
2.0
ns
Tc12h
OC-12 Hold Time
0.0
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com