Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # C5EC3EARCH-RM/D
Description  C-3e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5EC3EARCH-RM/D Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button C5EC3EARCH-RM/D Datasheet HTML 70Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 71Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 72Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 73Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 74Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 75Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 76Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 77Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 114 page
background image
74
CHAPTER 3: ELECTRICAL SPECIFICATIONS
C3EN
Power Sequencing
It is intended that the VDD33/VDDT and VDD rails are sequenced to their final value
together for most applications. VDD33 and VDDT must be above VDD at all times. VDD
must be brought to its final value within 100ms of sequencing on VDD33 and VDDT.
It is also required that SCLK, SCLKX, TCLKI, PCLK, MDCLK, FTXCLK, and FRXCLK be running
or begin running during power sequencing to propagate reset inside the C-3e NP. Figure 9
indicates the relationship between the clocks and PRSTX. There is no requirement that the
asserting and deasserting edges of PRSTX be synchronous to the clocks. Reset must be
asserted within 100
µs of power initiation. Typically, reset is held low during power
initiation.
Figure 9 Bringup Clock Timing Diagram
TCLKI, PCLK,
SCLK, SCLKX,
MDCLK, FTXCLK,
FRXCLK
PRSTX
³1ms
³100
µs
(
(
)
)
≤100
µs
VDD, VDD33,
VDDT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com