Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # C5EC3EARCH-RM/D
Description  C-3e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5EC3EARCH-RM/D Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button C5EC3EARCH-RM/D Datasheet HTML 24Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 25Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 26Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 27Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 28Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 29Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 30Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 31Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 114 page
background image
28
CHAPTER 2: SIGNAL DESCRIPTIONS
C3EN
Pinout Diagram
The C-3e NP contains 728 pins. These pin numbers are referenced throughout the
remaining chapter. Figure 2 shows the pin locations from the top view. In contrast,
Figure 3 shows the pin locations from the bottom view.
Figure 2 Pin Locations (Top View)
A
QD8
QD13
QD16
QD21
QD24
QD29
QBCLKI
QNQRDY
QA2
QA8
QA13
JSO2
JSO4
JCLKBYP
JTRSTX
JTMS
MA7
MA2
MDQM
MDQML
MWEX
MRASX
MCASX
MCSX
MDCLK
MDECC0
B
QD4
VDDT
QD12
QD15
QD20
GND
QD28
QBCLKO
QDPH
VDDT
QA7
GND
JSO1
JSO3
JHIGHZ
GND
JTCK
VDD33
MA1
MDECC1
MDECC2
GND
MDECC3
MDECC4
MDECC5
VDD33
MDECC6
C
QD3
QD7
QD11
VDDT
QD19
QD23
QD27
QDQPAR
QDPL
QA1
QA6
QA12
JSO0
JTDO
JSO5
JTDI
MA11
MA6
MA0
MDECC7
MDECC8
MD129
MD128
VDD33
MD127
MD126
MD125
D
QD2
GND
QD10
QD14
QD18
VDDT
QD26
QD31
GND
QA0
QA5
QA11
QA16
VDD33
JSE
CPREF
MA10
MA5
GND
MD124
MD123
VDD33
MD122
MD121
MD120
GND
MD119
E
QD1
QD6
QD9
GND
QD17
QD22
QD25
QD30
QACLKI
QWEX
QA4
QA10
QA15
CCLK3
CCLK2
CCLK1
MA9
MA4
MBA1
MD118
MD117
MD116
MD115
GND
MD114
MD113
MD112
F
QD0
QD5
TD0
TD1
TD2
TD3
TD4
TD5
QACLKO
QARDY
QA3
QA9
QA14
SCLK
SCLKX
CCLK0
MA8
MA3
MBA0
MD111
MD110
MD109
MD108
MD107
MD106
MD105
MD104
G
TD6
VDDT
TD7
TD8
TD9
GND
TD10
TD11
VDDT
GND
VDDT
GND
VDD33
GND
VDD33
GND
VDD33
GND
VDD33
MD103
MD102
GND
MD101
MD100
MD99
VDD33
MD98
H
TD12
TD13
TD14
VDDT
TD15
TD16
TD17
TD18
GND
VDD
GND
VDD
GND
VDD33
GND
VDD
GND
VDD33
GND
MD97
MD96
MD95
MD94
VDD33
MD93
MD92
MD91
J
TD19
TD20
TD21
GND
TD22
TD23
TD24
TD25
VDDT
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD33
MD90
MD89
MD88
MD87
GND
MD86
MD85
MD84
K
TD26
GND
TD27
TD28
TD29
VDDT
TD30
TD31
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
MD83
MD82
VDD33
MD81
MD80
MD79
GND
MD78
L
TD32
TD33
TD34
TD35
TD36
TD37
TD38
TD39
VDDT
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD33
MD77
MD76
MD75
MD74
MD73
MD72
MD71
MD70
M
TD40
TD41
TD42
VDDT
TD43
TD44
TD45
TD46
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
MD69
MD68
MD67
MD66
VDD33
MD65
MD64
MD63
N
TD47
TD48
TD49
TD50
TD51
TD52
TD53
TD54
VDDT
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD33
MD62
MD61
MD60
MD59
MD58
MD57
MD56
MD55
P
TD55
VDDT
TD56
TD57
TD58
GND
TD59
TD60
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
MD54
MD53
GND
MD52
MD51
MD50
VDD33
MD49
R
TD61
TD62
TD63
TCLKI
TWE0X
TWE1X
TWE2X
TWE3X
VDDT
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD33
MD48
MD47
MD46
MD45
MD44
MD43
MD42
MD41
T
TPAR0
TPAR1
TPAR2
GND
TPAR3
TCE0X
TCE1X
TCE2X
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
MD40
MD39
MD38
MD37
GND
MD36
MD35
MD34
U
TCE3X
TA0
TA1
TA2
TA3
TA4
TA5
TA6
VDDT
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD33
MD33
MD32
MD31
MD30
MD29
MD28
MD27
MD26
V
TA7
GND
TA8
TA9
TA10
VDDT
TA11
TA12
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
MD25
MD24
VDD33
MD23
MD22
MD21
GND
MD20
W
TA13
TA14
TA15
VDDT
TA16
TA17
TA18
TA19
VDDT
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD33
MD19
MD18
MD17
MD16
VDD33
MD15
MD14
MD13
Y
TA20
TA21
XPUHOT
GND
SPDO
SPDI
SPLD
SPCK
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
MD12
MD11
MD10
MD9
GND
MD8
MD7
MD6
AA
SICL
VDDT
PAD30
SIDA
PIDSEL
GND
PFRAMEX
PGNTX
VDD33
GND
VDD33
GND
VDD33
GND
VDD33
GND
VDD33
GND
VDD33
MD5
MD4
GND
MD3
MD2
MD1
VDD33
MD0
AB
PTRDYX
PCBEX0
PAD31
PAD26
PAD20
PAD16
PAD10
PAD4
PAD0
FRXCTL6
FIN14
FIN8
FIN2
FTXCTL1
FOUT13
FOUT7
CP7_6
CP7_2
CP6_4
CP5_6
CP5_0
CP4_1
CP3_4
CP2_5
CP2_1
CP1_2
CP0_5
AC
PINTA
PIRDYX
PPERRX
GND
PAD21
PAD17
PAD11
PAD5
PAD1
FRXCTL2
FIN13
FIN7
FIN1
FTXCTL0
FOUT12
FOUT6
CP7_5
CP7_1
CP6_3
CP5_5
CP4_6
CP4_0
CP3_3
GND
CP2_0
CP1_1
CP0_4
AD
PREQX
GND
PSERRX
PAD27
PAD22
VDD33
PAD12
PAD6
GND
FRXCTL1
FIN12
FIN6
FIN0
VDD33
FOUT11
FOUT5
CP7_4
CP7_0
GND
CP5_4
CP4_5
VDD33
CP3_2
CP2_4
CP1_6
GND
CP0_3
AE
PRSTX
PSTOPX
PCBEX3
VDD33
PAD23
PAD18
PAD13
PAD7
PAD2
FRXCTL0
FIN11
FIN5
FTXCLK
FOUT15
FOUT10
FOUT4
CP7_3
CP6_6
CP6_2
CP5_3
CP4_4
CP3_6
CP3_1
VDD33
CP1_5
CP1_0
CP0_2
AF
PCLK
VDD33
PCBEX2
PAD28
PAD24
GND
PAD14
PAD8
PAD3
VDD33
FIN10
FIN4
FTXCTL6
GND
FOUT9
FOUT3
FOUT1
VDD33
CP6_1
CP5_2
CP4_3
GND
CP3_0
CP2_3
CP1_4
VDD33
CP0_1
AG
PPAR
PDEVSELX
PCBEX1
PAD29
PAD25
PAD19
PAD15
PAD9
FRXCLK
FIN15
FIN9
FIN3
FTXCTL2
FOUT14
FOUT8
FOUT2
FOUT0
CP6_5
CP6_0
CP5_1
CP4_2
CP3_5
CP2_6
CP2_2
CP1_3
CP0_6
CP0_0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
AG
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com