Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # C5EC3EARCH-RM/D
Description  C-3e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5EC3EARCH-RM/D Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button C5EC3EARCH-RM/D Datasheet HTML 44Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 45Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 46Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 47Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 48Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 49Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 50Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 51Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 114 page
background image
48
CHAPTER 2: SIGNAL DESCRIPTIONS
C3EN
General System Interface Signal
Table 18 provides the signal for the Executive Processor reset power status and I/O clock.
The C-3e NP can be powered up with the XP either running or with the XP in reset mode
similar to the CPs. When the XP remains in reset mode, an external host can be used to
control the initialization of the C-3e NP.
Table 18 General System Interface Signal
SIGNAL NAME
PIN #
TOTAL
TYPE
I/O
SIGNAL DESCRIPTION
XPUHOT
Y3
1
LVTTL
I
PD
Sample at Power On Reset determines if the XP RISC Core is held in reset. Low
equals reset and High equals active. During normal operation, this is an
external interrupt.
TOTAL PINS
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com