Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # C5EC3EARCH-RM/D
Description  C-3e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5EC3EARCH-RM/D Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button C5EC3EARCH-RM/D Datasheet HTML 49Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 50Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 51Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 52Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 53Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 54Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 55Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 56Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 114 page
background image
Pin Descriptions Grouped by Function
53
03
TLU SRAM Interface
Signals
The TLU SRAM interface supports up to 128MBytes of SRAM at frequencies to 125MHz
using LVTTL signaling levels (in single bank-mode only) and SRAM technologies up to
64Mbits. The TLU SRAM interface signals are described in Table 23.
Table 23 TLU SRAM Interface Signals
SIGNAL NAME
PIN #
TOTAL
TYPE
I/O
SIGNAL DESCRIPTION
TD0 - TD63
F3, F4, F5, F6, F7, F8, G1, G3, G4, G5, G7, G8, H1, H2,
H3, H5, H6, H7, H8, J1, J2, J3, J5, J6, J7, J8, K1, K3,
K4, K5, K7, K8, L1, L2, L3, L4, L5, L6, L7, L8, M1, M2,
M3, M5, M6, M7, M8, N1, N2, N3, N4, N5, N6, N7,
N8, P1, P3, P4, P5, P7, P8, R1, R2, R3
64
LVTTL
I
PD/O TLU Memory Data
TA0 - TA21
U2, U3, U4, U5, U6, U7, U8, V1, V3, V4, V5, V7, V8,
W1, W2, W3, W5, W6, W7, W8, Y1, Y2
22
LVTTL
O
PD
TLU Memory Address
TPAR0 - TPAR3
T1, T2, T3, T5
4
LVTTL
I
PD/O Word Data Parity (i.e. TPAR0 across
TD15:0)
TCE0X - TCE3X
T6, T7, T8, U1
4
LVTTL
O
PD
TLU Memory Chip Enable
TWE0X - TWE3X
R5, R6, R7, R8
4
LVTTL
O
PD
TLU Memory Write Enable
TCLKI
R4
1
LVTTL
I
PD
TLU Clock Input
TOTAL PINS
99
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com