Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # C5EC3EARCH-RM/D
Description  C-3e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5EC3EARCH-RM/D Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button C5EC3EARCH-RM/D Datasheet HTML 30Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 31Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 32Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 33Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 34Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 35Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 36Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 37Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 114 page
background image
34
CHAPTER 2: SIGNAL DESCRIPTIONS
C3EN
DS1/T1 Framer Interface Configuration
Table 8 describes the serial framer interface signals. For each CP (0-7), you can implement
one serial Framer interface.
CP3_5
AG22
CP7_5
AC17
CP3_6
AE22
CP7_6
AB17
Table 7 CP Physical Interface Signals and Pins (Grouped by Clusters) (continued)
CP CLUSTER 1
CP CLUSTER 2
SIGNAL
PIN #
SIGNAL
PIN #
Table 8 DS1/T1 Framer Interface Signals
SIGNAL NAME*
PIN #†
TOTAL
TYPE
I/O
LABEL
SIGNAL DESCRIPTION
CPn_0
Table 7
1
LVTTL
O
PD
TCLK
Transmit Clock (1.544MHz)
CPn_1
Table 7
1
LVTTL
I
PU
RCLK
Receive Clock (1.544MHz)
CPn_2
Table 7
1
LVTTL
O
PD
TData
Transmit Data
CPn_3
Table 7
1
LVTTL
O
PU
TFrame
Transmit Frame Synchronization
CPn_4
Table 7
1
LVTTL
IPD
RData
Receive Data
CPn_5
Table 7
1
LVTTL
I
PU
RFrame
Receive Frame Synchronization
CPn_6
Table 7
1
nc
nc
PU
nc
nc
TOTAL PINS
7
* n can be from 0 to 7. See Table 7.
† Reference Table 7 for pin numbers for the actual cluster(s) you are configuring.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com