Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # C5EC3EARCH-RM/D
Description  C-3e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5EC3EARCH-RM/D Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button C5EC3EARCH-RM/D Datasheet HTML 63Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 64Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 65Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 66Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 67Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 68Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 69Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 70Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 114 page
background image
JTAG Support
67
03
JTAG Support
The C-3e NP contains JTAG test logic compliant with the IEEE 1149.1 specification. All
required public instructions are implemented, as well as some optional instructions. This
section contains information regarding the pinout, instructions, identification codes, and
boundary scan cell types.
Pinout
The C-3e NP uses the standard JTAG pins including the optional test reset pin. Table 27
describes the pins and their functions.
JTAG Data Registers
The C-3e NP contains the standard internal registers as specified in IEEE 1149.1. These
registers are described in Table 29.
Boundary Scan Restriction
SCLK/SCLKX inputs must not toggle when exercising the boundary scan function for JTAG.
Boundary Scan Cell Types
The C-3e NP boundary scan register contains only two cell types. All input cells are observe
only cells of type BC_4. All enable and output cells are standard cells of type BC_1. In IEEE
1149.1-1990 specification, the BC_4 cell is shown in Figure 7 and the BC_1 cell is shown in
Figure 8.
Table 29 JTAG Internal Register Descriptions
REGISTER NAME
REGISTER LENGTH
DESCRIPTION
Bypass
1
Standard JTAG bypass register
Boundary
1549
Boundary Scan Register
Device Identification
32
Standard JTAG IDCODE Register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com