Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # C5EC3EARCH-RM/D
Description  C-3e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5EC3EARCH-RM/D Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button C5EC3EARCH-RM/D Datasheet HTML 86Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 87Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 88Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 89Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 90Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 91Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 92Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 93Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 114 page
background image
90
CHAPTER 3: ELECTRICAL SPECIFICATIONS
C3EN
Low Speed Serial Interface Timing Specifications
The low speed serial interface timing is shown in Figure 21 and described in Table 46.
Figure 21 Low Speed Serial Interface Timing Diagram
Cycle 2
Cycle 3
Tslc
Tslss
Tslhd
Tslsd
Tslhs
SICL
SIDA
Tslst
Tslb
Table 46 Low Speed Serial Interface Timing Description
SYMBOL
PARAMETER
MIN
MAX
UNIT
Tslc
SICL Cycle Time
2500
ns
Tslss
Set-up Time for Repeated START Condition
600
ns
Tslhs
Hold Time START Condition
600
ns
Tslsd
Data Set-up Time
250
ns
Tslhd
Data Hold Time
0.0
ns
Tslst
Set-up Time for STOP Condition
600
ns
Tslb
Bus Free Time Between a STOP and START Condition
1250
ns
Cmax
Capacitive load for each line of the bus
400
pF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com