Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # C5EC3EARCH-RM/D
Description  C-3e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5EC3EARCH-RM/D Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button C5EC3EARCH-RM/D Datasheet HTML 75Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 76Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 77Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 78Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 79Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 80Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 81Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 82Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 114 page
background image
AC Timing Specifications
79
03
AC Timing Specifications
AC timing specifications consist of input requirements and output responses. The input
requirements include setup and hold times, pulse widths, and high and low times. The
output responses include delays from clock to signal. The AC timing specifications are
defined separately for each interface to the C-3e NP.
See Figure 12. Output timing specifications for LVTTL pins are given with a 20pF load on
the output. Other loads can be simulated with the IBIS model available from Motorola.
The LVPECL driver is specified into a 50
Ω load terminated to a (VDD33 - 2V) reference.
Figure 12 Test Loading Conditions
+2V
LVTTL
LVPECL
DUT
DUT
20pF
50
Ω
VDD33
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com