Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # C5EC3EARCH-RM/D
Description  C-3e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5EC3EARCH-RM/D Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button C5EC3EARCH-RM/D Datasheet HTML 71Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 72Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 73Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 74Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 75Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 76Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 77Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 78Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 114 page
background image
Power and Thermal Characteristics
75
03
Power and Thermal
Characteristics
Table 36 provides the derived power and thermal characteristics for the production
version of the C-3e NP.
Table 36
note: Power dissipation values assume the following conditions:
• BMU memory operating at 125MHz
• TLU memory operating at 125MHz
• QMU operating at 150MHz
• VDD = 1.1V, VDD33/VDDT = 3.3V, TJ at approximately 50°C for typical values. VDD and
VDD33/VDDT are 5% higher for maximum values
• “Minimum” PD based on idle condition (clocks running and no programs executing)
• “Typical” PD based on test application that implements Fast Ethernet forwarding
actively running on all CPs
• “Maximum” PD based on maximum consumption for any high-bandwidth
communications application executing on all CPs, FP, and XP
Thermal Management
Information
This section provides thermal management information for the ceramic ball grid array
(CBGA) package for air-cooled applications. Proper thermal control design is primarily
dependent on the system-level design—the heat sink, airflow, and thermal interface
material. To reduce the die-junction temperature, heat sinks may be attached to the
package by several methods—spring clip to holes in the printed-circuit board or package,
and mounting clip and screw assembly (refer to Figure 10); however, due to the potential
Table 36 C-3e Network Processor Power and Thermal Characteristics
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Power Dissipation, P
D
2.5
5.5
7.5
W
180MHz core clock
See Note below
Maximum Junction
Temperature, T
J
125
oC
See Note below
Thermal Resistance, junction
to case,
θ
JC
<0.1
oC/W
See Note below
Thermal Resistance, junction
to printed circuit board,
θ
JB
5.5
oC/W
See Note below
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com