Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # C5EC3EARCH-RM/D
Description  C-3e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5EC3EARCH-RM/D Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button C5EC3EARCH-RM/D Datasheet HTML 76Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 77Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 78Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 79Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 80Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 81Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 82Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 83Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 114 page
background image
80
CHAPTER 3: ELECTRICAL SPECIFICATIONS
C3EN
Clock Timing
Specifications
The system clock timing is shown in Figure 13 and described in Table 37.
Figure 13 System Clock Timing Diagram
Tsc
Tsh
SCLK
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
SCLKX
CCLKn
TccN
Tsl
Tcch
Tccl
Table 37 System Clock Timing Description
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
COMMENT
Tsc
System Cycle Time
3.76
ns
180MHz core clock
Tsh
Sys Clk High Pulse
45
55
Duty cycle*
* Pulse duty cycle measured at crossing voltage of SCLK/SCLKX
Tsl
Sys Clk Low Pulse
45
55
Duty cycle*
Tcc0
CCLK0 Cycle Time
6.43
ns
†
† The frequencies specified for CCLK0 - CCLK3 allow full flexibility for the C-3e NP. It is also possible to use one
or more CCLKn inputs for other frequencies; contact your Motorola representative for more information.
Tcc1
CCLK1 Cycle Time
6.43
ns
†
Tcc2
CCLK2 Cycle Time
6.43
ns
†
Tcc3
CCLK3 Cycle Time
6.43
ns
†
Tcch
CCLKm High Time
40%
60%
% cycle pulse is high
Tccl
CCLKm Low Time
40%
60%
% cycle pulse is low
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com