Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # C5EC3EARCH-RM/D
Description  C-3e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5EC3EARCH-RM/D Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button C5EC3EARCH-RM/D Datasheet HTML 50Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 51Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 52Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 53Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 54Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 55Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 56Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 57Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 114 page
background image
54
CHAPTER 2: SIGNAL DESCRIPTIONS
C3EN
QMU SRAM (Internal
Mode) Interface Signals
The QMU signals are described in Table 24.
Table 24 QMU SRAM (Internal Mode) Interface Signals
SIGNAL NAME
PIN #
TOTAL
TYPE
I/O
SIGNAL DESCRIPTION
QA0 - QA16
D10, C10, A10, F11, E11, D11, C11, B11, A11, F12,
E12, D12, C12, A12, F13, E13, D13
17
LVTTL
O
Address [16:0]
QD0 - QD31
F1, E1, D1, C1, B1, F2, E2, C2, A2, E3, D3, C3, B3, A3,
D4, B4, A4, E5, D5, C5, B5, A5, E6, C6, A6, E7, D7,
C7, B7, A7, E8, D8
32
LVTTL
I
PD/O
Data
QDQPAR
C8
1
LVTTL
I
PD
nc
QARDY
F10
1
LVTTL
I
PD
nc
QNQRDY
A9
1
LVTTL
I
PD
nc
QWEX
E10
1
LVTTL
O
Write Enable
QBCLKO
B8
1
LVTTL
O
nc
QBCLKI
A8
1
LVTTL
I
PD
nc
QACLKO
F9
1
LVTTL
O
nc
QACLKI
E9
1
LVTTL
I
PD
Input Clock
QDPL
C9
1
LVTTL
I
PD/O
Data Parity Low
QDPH
B9
1
LVTTL
I
PD/O
Data Parity High
TOTAL PINS
59
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com