Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # C5EC3EARCH-RM/D
Description  C-3e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5EC3EARCH-RM/D Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button C5EC3EARCH-RM/D Datasheet HTML 80Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 81Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 82Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 83Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 84Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 85Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 86Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 87Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 114 page
background image
84
CHAPTER 3: ELECTRICAL SPECIFICATIONS
C3EN
Table 40 Gigabit GMII/MII Ethernet Interface Timing Description
SYMBOL
GIGABIT
PARAMETER
MIN
TYP
MAX
UNIT
COMMENT
Tcgt
Transmit Cycle Time, GMII
8.0
ns
Tcgo
Output Time, GMII
3.0
6.0
ns
Tcgr
Receive Cycle Time
8.0
ns
Tcgs
Setup Time
2.0
ns
Tcgh
Hold Time
0.0
ns
Tcmt
Transmit Cycle Time, MII
40/400
ns
100BaseT/10BaseT
Tcmo
Output Time, MII
2
12
ns
Table 41 Gigabit TBI Interface Timing Description
SYMBOL
TBI
PARAMETER
MIN
TYP
MAX
TOL
UNIT
Tctt
Transmit Cycle Time
8.0
ns
Tcto
Output Time
3.0
6.0*
* For Fibre Channel applications this value is 7.0ns for a transmit cycle time of 9.4ns.
ns
Tctr
Receive Cycle Time
16.0
ns
Tctd
Rclk/Rclkn Deviation
1.0
ns
Tcts
Setup Time
2.0
ns
Tcth
Hold Time
0.0
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com