Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # C5EC3EARCH-RM/D
Description  C-3e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5EC3EARCH-RM/D Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button C5EC3EARCH-RM/D Datasheet HTML 84Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 85Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 86Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 87Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 88Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 89Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 90Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 91Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 114 page
background image
88
CHAPTER 3: ELECTRICAL SPECIFICATIONS
C3EN
Table 44 PCI Timing Description
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
Tpc
PCI Cycle Time*
* 66MHz PCI
15.0
ns
Tpas
PAD/P_ctl† Setup
† P_ctl includes all PCI control parameters including: PPAR, PFRAMEX, PTRDYX, PIRDYX,
PSTOPX, PDEVSELX, PPERRX, PSERRX
3.0
ns
Tpah
PAD/P_ctl Hold
0.0
ns
Tpao
PAD/P_ctl Output
2.0
6.0
ns
Tpaz
PAD/P_ctl Clk to Tri‡
‡ Not fully tested, values based on design/characterization.
2.0
6.0
ns
Tpav
PAD/P_ctl Clk to Driven‡
2.0
6.0
ns
Tpgs
PGNTX Setup
5.1
ns
Tpgh
PGNTX Hold
0.0
ns
Tpis
PIDSEL Setup
3.0
ns
Tpih
PIDSEL Hold
0.0
ns
PRSTX**
** Asynchronous
ns
PINTA**
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com