Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 109 Page - Freescale Semiconductor, Inc

Part # C5EC3EARCH-RM/D
Description  C-3e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5EC3EARCH-RM/D Datasheet(HTML) 109 Page - Freescale Semiconductor, Inc

Back Button C5EC3EARCH-RM/D Datasheet HTML 105Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 106Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 107Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 108Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 109Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 110Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 111Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 112Page - Freescale Semiconductor, Inc C5EC3EARCH-RM/D Datasheet HTML 113Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 114 page
background image
03
C3ENPA1-DS/D
Rev 03
INDEX
Symbols
10/100 Ethernet (RMII) Configuration 35
10/100 Ethernet Signals 35
10/100 Ethernet Timing Description 82
10/100 Ethernet Timing Diagram 82
10/100 Ethernet Timing Specifications 82
A
Absolute Maximum Ratings 71
AC Timing Specifications 79
B
Block Diagram, C-3e Network Processor 20
BMU SDRAM Interface Signals 51
BMU Signal Groups 95
BMU Timing Description 94
BMU Timing Diagram 94
BMU Timing Specifications 94
Boundary Scan Cell Types 67
Boundary Scan Description Language 70
Bringup Clock Timing Diagram 74
Buffer Management Unit 24
C
C-3e Network Processor Absolute Maximum Ratings 71
C-3e Network Processor BGA Package, Bottom View 104
C-3e Network Processor BGA Package, Side View 103
C-3e Network Processor Capacitance Data 73
C-3e Network Processor DC Characteristics 73
C3e Network Processor Power and Thermal Characteristics 75
C-3e NP Channel Processors 22
Channel Processor Interface Signals 31
Channel Processors 22
Channel Processors Physical Interface Signals and Pins
Grouped by Clusters 33
Clock and Reference Signals 31
Clock Signals 31
Clock Timing Specifications 80
Configuration
10/100 Ethernet (RMII) 35
DS1/T1 Framer Interface 34
FibreChannel TBI 38
Gigabit Ethernet 38
Gigabit Ethernet (GMII) 36
SONET OC-12 Transceiver Interface 41
SONET OC-3 Transceiver Interface 40
Configurations
GMII/TBI Transmit and Receive Pin 36
CP Timing Specifications 81
D
Data Registers
JTAG 67
DC Characteristics 73
Description
Functional 19
Description Language
Boundary Scan 70
Descriptions
Signal 27
Diagram
10/100 Ethernet Timing 82
BMU Timing 94
Bringup Clock Timing 74
DS1/DS3 Ethernet Timing 81
Fabric Processor Timing 92
Gigabit Ethernet (TBI) Timing 83
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com