Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3 Datasheet(PDF) 52 Page - STMicroelectronics

Part # DSM2180F3
Description  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button DSM2180F3 Datasheet HTML 48Page - STMicroelectronics DSM2180F3 Datasheet HTML 49Page - STMicroelectronics DSM2180F3 Datasheet HTML 50Page - STMicroelectronics DSM2180F3 Datasheet HTML 51Page - STMicroelectronics DSM2180F3 Datasheet HTML 52Page - STMicroelectronics DSM2180F3 Datasheet HTML 53Page - STMicroelectronics DSM2180F3 Datasheet HTML 54Page - STMicroelectronics DSM2180F3 Datasheet HTML 55Page - STMicroelectronics DSM2180F3 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
DSM2180F3
52/63
Table 30. Input Macrocell Timing
Note: 1. Inputs from Port B, and C relative to register/ latch clock from the PLD.
Figure 33. Input Macrocell Timing (product term clock)
Symbol
Parameter
Conditions
-90
PT
Aloc
Turbo
Off
Unit
Min
Max
tIS
Input Setup Time
(Note 1)
0ns
tIH
Input Hold Time
(Note 1)
20
Add 10
ns
tINH
NIB Input High Time
(Note 1)
12
ns
tINL
NIB Input Low Time
(Note 1)
12
ns
tINO
NIB Input to Combinatorial Delay
(Note 1)
46
Add 2
Add 10
ns
tINH
tINL
tINO
tIH
tIS
PT CLOCK
INPUT
OUTPUT
AI03101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com