Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3 Datasheet(PDF) 48 Page - STMicroelectronics

Part # DSM2180F3
Description  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button DSM2180F3 Datasheet HTML 44Page - STMicroelectronics DSM2180F3 Datasheet HTML 45Page - STMicroelectronics DSM2180F3 Datasheet HTML 46Page - STMicroelectronics DSM2180F3 Datasheet HTML 47Page - STMicroelectronics DSM2180F3 Datasheet HTML 48Page - STMicroelectronics DSM2180F3 Datasheet HTML 49Page - STMicroelectronics DSM2180F3 Datasheet HTML 50Page - STMicroelectronics DSM2180F3 Datasheet HTML 51Page - STMicroelectronics DSM2180F3 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
DSM2180F3
48/63
Table 26. DC Characteristics
Note: 1. Reset (Reset) has hysteresis. VIL1 is valid at or below 0.2VCC –0.1. VIH1 is valid at or above 0.8VCC .
2. CSI deselected.
3. PLD is in non-Turbo mode, and none of the inputs are switching.
4. Please see Figure 25 for the PLD current calculation.
5. IOUT = 0 mA
Symbol
Parameter
Test Condition
(in addition to those in
Table 22)
Min.
Typ.
Max.
Unit
VIH
Input High Voltage
4.5 V < VCC < 5.5 V
2
VCC +0.5
V
VIL
Input Low Voltage
4.5 V < VCC < 5.5 V
–0.5
0.8
V
VIH1
Reset High Level Input Voltage
(Note 1)
0.8VCC
VCC +0.5
V
VIL1
Reset Low Level Input Voltage
(Note 1)
–0.5
0.2VCC –0.1
V
VHYS
Reset Pin Hysteresis
0.3
V
VLKO
VCC (min) for Flash Erase and
Program
2.5
4.2
V
VOL
Output Low Voltage
IOL = 20 µA, VCC = 4.5 V
0.01
0.1
V
IOL = 8 mA, VCC = 4.5 V
0.25
0.45
V
VOH
Output High Voltage Except
VSTBY On
IOH = –20 µA, VCC = 4.5 V
4.4
4.49
V
IOH = –2 mA, VCC = 4.5 V
2.4
3.9
V
VOH1
Output High Voltage VSTBY On
IOH1 = 1 µA
VSTBY – 0.8
V
IIDLE
Idle Current (VSTBY input)
VCC > VSTBY
–0.1
0.1
µA
ISB
Stand-by Supply Current
for Power-down Mode
CSI >VCC –0.3 V (Notes
2,3)
75
200
µA
ILI
Input Leakage Current
VSS < VIN < VCC
–1
±.1
1
µA
ILO
Output Leakage Current
0.45 < VOUT < VCC
–10
±5
10
µA
ICC (DC)
(Note 5)
Operating
Supply
Current
PLD Only
PLD_TURBO = Off,
f = 0 MHz (Note 5)
0
µA/PT
PLD_TURBO = On,
f = 0 MHz
400
700
µA/PT
Flash memory
During Flash memory Write/
Erase Only
15
30
mA
Read Only, f = 0 MHz
0
0
mA
ICC (AC)
(Note 5)
PLD AC Adder
(see note 4)
Flash memory AC Adder
2.5
3.5
mA/
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com