Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # DSM2180F3
Description  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3 Datasheet(HTML) 4 Page - STMicroelectronics

  DSM2180F3 Datasheet HTML 1Page - STMicroelectronics DSM2180F3 Datasheet HTML 2Page - STMicroelectronics DSM2180F3 Datasheet HTML 3Page - STMicroelectronics DSM2180F3 Datasheet HTML 4Page - STMicroelectronics DSM2180F3 Datasheet HTML 5Page - STMicroelectronics DSM2180F3 Datasheet HTML 6Page - STMicroelectronics DSM2180F3 Datasheet HTML 7Page - STMicroelectronics DSM2180F3 Datasheet HTML 8Page - STMicroelectronics DSM2180F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
DSM2180F3
4/63
SUMMARY DESCRIPTION
These are system memory devices for use with
Digital Signal Processors from the popular Analog
Devices ADSP-218X family. DSM means Digital
signal processor System Memory. A DSM device
brings in-system programmable Flash memory,
programmable logic, and additional I/O to DSP
systems. The result is a simple and flexible two-
chip solution for DSP designs. DSM devices pro-
vide the flexibility of Flash memory and smart
JTAG programming techniques for both manufac-
turing and the field. On-chip integrated memory
decode logic and memory paging logic make it
easy to add large amounts of external Flash mem-
ory to the ADSP-218X family for bootloading upon
power-up and/or overlay memory. The DSP ac-
cesses this Flash memory using either its Byte
DMA (BDMA) interface or as external data overlay
memory (no DMA setup overhead).
Figure 2. PLCC Connections
JTAG In-System Programming (ISP) reduces de-
velopment time, simplifies manufacturing flow,
and lowers the cost of field upgrades. The JTAG
ISP interface eliminates the need for sockets and
pre-programmed memory and logic devices. For
manufacturing, end products may be assembled
with a blank DSM device soldered to the circuit
board and programmed at the end of the manufac-
turing line in 10 to 20 seconds with no involvement
of the DSP. This allows efficient means to test
product and manage inventory by rapidly pro-
gramming test code, then application code as de-
termined by inventory requirements (Just-In Time
inventory). Additionally, JTAG ISP reduces devel-
opment time by turning fast iterations of DSP code
in the lab. Code updates in the field require no dis-
assembly of product. The FlashLINKTM JTAG pro-
gramming cable costs $59 USD and plugs into any
PC or note-book parallel port.
Figure 3. PQFP Connections
In addition to ISP Flash memory, DSM devices
add programmable logic (PLD) and up to 16 con-
figurable I/O pins to the DSP system. The state of
each I/O pin can be driven by DSP software or
PLD logic. PLD and I/O configuration are program-
mable by JTAG ISP, just like the Flash memory.
The PLD consists of more than 3000 gates and
has 16 macro cell registers. Common uses for the
PLD include chip selects for external devices (i.e.
UART), state-machines, simple shifters and coun-
ters, keypad and control panel interfaces, clock di-
viders,
handshake
delay,
muxes,
etc.
This
eliminates the need for small external PLDs and
logic devices. Configuration of PLD, I/O, and Flash
memory mapping are easily entered in a point-
and-click environment using the software develop-
ment tool, PSDsoft ExpressTM. This software is
available at no charge from www.psdst.com.
AD15
AD14
AD13
AD12
AD11
AD10
AD9
AD8
VCC
AD7
AD6
AD5
AD4
PD2
PD1
PD0
PC7
PC6
PC5
PC4
VCC
GND
PC3
PC2
PC1
PC0
8
9
10
11
12
13
14
15
16
17
18
19
20
46
45
44
43
42
41
40
39
38
37
36
35
34
AI02857
39 AD15
38 AD14
37 AD13
36 AD12
35 AD11
34 AD10
33 AD9
32 AD8
31 VCC
30 AD7
29 AD6
28 AD5
27 AD4
PD2
PD1
PD0
PC7
PC6
PC5
PC4
VCC
GND
PC3
PC2
PC1
PC0
1
2
3
4
5
6
7
8
9
10
11
12
13
AI02858



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com