Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3 Datasheet(PDF) 15 Page - STMicroelectronics

Part # DSM2180F3
Description  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button DSM2180F3 Datasheet HTML 11Page - STMicroelectronics DSM2180F3 Datasheet HTML 12Page - STMicroelectronics DSM2180F3 Datasheet HTML 13Page - STMicroelectronics DSM2180F3 Datasheet HTML 14Page - STMicroelectronics DSM2180F3 Datasheet HTML 15Page - STMicroelectronics DSM2180F3 Datasheet HTML 16Page - STMicroelectronics DSM2180F3 Datasheet HTML 17Page - STMicroelectronics DSM2180F3 Datasheet HTML 18Page - STMicroelectronics DSM2180F3 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
15/63
DSM2180F3
SPECIFYING MEM MAP WITH PSDSOFT EXPRESSTM
The memory map shown in Figure 7 can be easily
specified with PSDsoft ExpressTM in a point-and-
click environment. PSDsoft ExpressTM will gener-
ate Hardware Definition Language (HDL) state-
ments of the ABEL language. Figure 8 shows the
resulting equations generated by PSDsoft Ex-
pressTM.
Figure 8. HDL Statements Generated from PSDsoft Express to Implement Memory Map
Specifying these equations using PSDsoft Ex-
pressTM is very simple. Figure 9 shows how to
specify the equation for the 16K Byte Flash mem-
ory segment, fs2. Notice how fs2 can reside in two
different address spaces depending on the state of
the control signals from the DSP (IOMS, DMS, or
BMS
) and the memory page number coming from
the DSM Page Register outputs. This specification
process is repeated for all other Flash memory
segments, the csiop register block, and any exter-
nal chip select signals (UART, etc.).
csiop = ((address >= ^h0000) & (address <= ^h00FF) & (!_ioms & _dms & _bms));
fs0 = ((address >= ^h0000) & (address <= ^h3FFF) & (_ioms & _dms & !_bms))
# ((page == 0) & (address >= ^h0000) & (address <= ^h3FFF) & (_ioms & !_dms &
_bms));
fs1 = ((address >= ^h4000) & (address <= ^h7FFF) & (_ioms & _dms & !_bms))
# ((page == 1) & (address >= ^h0000) & (address <= ^h3FFF) & (_ioms & !_dms &
_bms));
fs2 = ((address >= ^h8000) & (address <= ^hBFFF) & (_ioms & _dms & !_bms))
# ((page == 2) & (address >= ^h0000) & (address <= ^h3FFF) & (_ioms & !_dms &
_bms));
fs3 = ((address >= ^hC000) & (address <= ^hFFFF) & (_ioms & _dms & !_bms))
# ((page == 3) & (address >= ^h0000) & (address <= ^h3FFF) & (_ioms & !_dms &
_bms));
fs4 = ((address >= ^h10000) & (address <= ^h13FFF) & (_ioms & _dms & !_bms))
# ((page == 4) & (address >= ^h0000) & (address <= ^h3FFF) & (_ioms & !_dms &
_bms));
fs5 = ((address >= ^h14000) & (address <= ^h17FFF) & (_ioms & _dms & !_bms))
# ((page == 5) & (address >= ^h0000) & (address <= ^h3FFF) & (_ioms & !_dms &
_bms));
fs6 = ((address >= ^h18000) & (address <= ^h1BFFF) & (_ioms & _dms & !_bms))
# ((page == 6) & (address >= ^h0000) & (address <= ^h3FFF) & (_ioms & !_dms &
_bms));
fs7 = ((address >= ^h1C000) & (address <= ^h1FFFF) & (_ioms & _dms & !_bms))
# ((page == 7) & (address >= ^h0000) & (address <= ^h3FFF) & (_ioms & !_dms &
_bms));
! _cs_uart = ((address >= ^h0200) & (address <= ^h0207) & (!_ioms & _dms & _bms));



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com