Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3 Datasheet(PDF) 18 Page - STMicroelectronics

Part # DSM2180F3
Description  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button DSM2180F3 Datasheet HTML 14Page - STMicroelectronics DSM2180F3 Datasheet HTML 15Page - STMicroelectronics DSM2180F3 Datasheet HTML 16Page - STMicroelectronics DSM2180F3 Datasheet HTML 17Page - STMicroelectronics DSM2180F3 Datasheet HTML 18Page - STMicroelectronics DSM2180F3 Datasheet HTML 19Page - STMicroelectronics DSM2180F3 Datasheet HTML 20Page - STMicroelectronics DSM2180F3 Datasheet HTML 21Page - STMicroelectronics DSM2180F3 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
DSM2180F3
18/63
DETAILED OPERATION
Figure 5 shows major functional areas of the de-
vice:
■ Flash Memory
■ PLDs (DPLD, CPLD, Page Register)
■ DSP Bus Interface (Address, Data, Control)
■ I/O Ports
■ Runtime Control Registers
■ JTAG ISP Interface
The following describes these functions in more
detail.
Flash Memory
The Flash memory array is divided evenly into
eight equal 16K byte sectors. Each sector is se-
lected by the DPLD can be separately protected
from program and erase cycles. This configuration
is specified by using PSDsoft ExpressTM.
Memory Sector Select Signals. The DPLD gen-
erates the Select signals for all the internal memo-
ry blocks (see Figure 14). Each of the eight sectors
of the Flash memory has a Select signal (FS0-
FS7) which contains up to three product terms.
Having three product terms for each Select signal
allows a given sector to be mapped into multiple
areas of system memory.
Ready/Busy (PC3). This signal can be used to
output the Ready/Busy status of the device. The
output on Ready/Busy (PC3) is a 0 (Busy) when
Flash memory is being written, or when Flash
memory is being erased. The output is a 1 (Ready)
when no Write or Erase cycle is in progress. This
signal may be polled by the DSP or used as a DSP
interrupt to indicate when an erase or program cy-
cle is complete.
Memory Operation. The Flash memory is ac-
cessed through the DSP Address, Data, and Con-
trol Bus Interface. The DSP can access Flash
memory as BDMA mode or as External Data
Memory Overlay. But from the DSM perspective, it
sees either type of access as a series of byte op-
erations (reads and writes). If the DSP accesses
the DSM in BDMA mode, then the DSP BDMA
channel must be initialized and run for each byte
(or block of bytes) read from Flash memory or it
must initialize the DMA channel for each byte writ-
ten to Flash memory. Alternatively, if the DSP ac-
cesses the DSM in External Data Memory Overlay
mode, then the DSP must only ensure the PSD
Page Register and the DSP DMOVLAY register
contains the correct value, then it performs a nor-
mal data read or data write operation without the
burden of initializing the BDMA channel for each
operation (upper byte of 16-bit word is ignored).
DSPs and MCUs cannot write to Flash memory as
it would an SRAM device. Flash memory must first
be “unlocked” with a special sequence of byte
write operations to invoke an internal algorithm,
then a single data byte is written to the Flash mem-
ory array, then programming status is checked by
a byte read operation or by checking the Ready/
Busy pin (PC3). Table 5 lists all of the special in-
struction sequences to program (write) data to the
Flash memory array, erase the array, and check
for different types of status from the array. These
instruction sequences are different combinations
of individual byte write and byte read operations.
Once the Flash memory array is programmed
(written) and then it is in “Read Array” mode, the
DSP will read from Flash memory just as if would
from any 8-bit ROM or SRAM device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com