Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3 Datasheet(PDF) 40 Page - STMicroelectronics

Part # DSM2180F3
Description  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button DSM2180F3 Datasheet HTML 36Page - STMicroelectronics DSM2180F3 Datasheet HTML 37Page - STMicroelectronics DSM2180F3 Datasheet HTML 38Page - STMicroelectronics DSM2180F3 Datasheet HTML 39Page - STMicroelectronics DSM2180F3 Datasheet HTML 40Page - STMicroelectronics DSM2180F3 Datasheet HTML 41Page - STMicroelectronics DSM2180F3 Datasheet HTML 42Page - STMicroelectronics DSM2180F3 Datasheet HTML 43Page - STMicroelectronics DSM2180F3 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
DSM2180F3
40/63
PLD Power Management
The power and speed of the PLDs are controlled
by the Turbo bit (bit 3) in the PMMR0. By setting
the bit to 1, the Turbo mode is off and the PLDs
consume the specified stand-by current when the
inputs are not switching for an extended time of
70 ns. The propagation delay time is increased by
10 ns after the Turbo bit is set to 1 (turned off)
when the inputs change at a composite frequency
of less than 15 MHz. When the Turbo bit is reset to
0 (turned on), the PLDs run at full power and
speed. The Turbo bit affects the PLD’s DC power,
AC power, and propagation delay.
Blocking MCU control signals with the bits of the
PMMR registers can further reduce PLD AC power
consumption by lowering the effective composite
frequency of inputs to the PLDs.
Table 18. Power Management Mode Registers PMMR21
Note: 1. The bits of this register are cleared to zero following Power-up. Subsequent Reset (Reset) pulses do not clear the registers.
PSD Chip Select Input (CSI, PD2)
PD2 of Port D can be configured in PSDsoft Ex-
press as PSD Chip Select Input (CSI). When Low,
the signal selects and enables the internal Flash
memory and I/O blocks for Read or Write opera-
tions involving the device. A High on PSD Chip Se-
lect Input (CSI, PD2) disables the Flash memory
and reduces the device power consumption. How-
ever, the PLD and I/O signals remain operational
when PSD Chip Select Input (CSI, PD2) is High.
There may be a timing penalty when using PSD
Chip Select Input (CSI, PD2) depending on the
speed grade of the device that you are using. See
the timing parameter tSLQV in Table 31.
Input Clock. The device provides the option to
block CLKIN (PD1) from reaching the PLDs to
save AC power consumption. CLKIN (PD1) is an
input to the PLD AND Array and the OMCs.
If CLKIN (PD1) is not being used as part of the
PLD logic equation, the clock should be blocked to
save AC power. CLKIN (PD1) is disconnected
from the PLD AND Array or the Macrocells block
by setting bits 4 or 5 to a 1 in PMMR0.
Input Control Signals. The device provides the
option to block the input control signals (CNTL0,
CNTL1, CNTL2, PD0, and PC7) from reaching the
PLDs to save AC power consumption. These con-
trol signals are inputs to the PLD AND Array. If any
of these are not being used as part of the PLD log-
ic equation, these control signals should be dis-
abled to save AC power. They are disconnected
from the PLD AND Array by setting bits 2, 3, 4, 5,
and 6 to a 1 in the PMMR2 register. Note: CNTL0
and CNTL1 (DSP WR and DSP RD) are perma-
nently routed to the Flash memory array and can-
not be blocked from the array by the PMMR
registers (that’s why WR and RD signals do not
have to be specified in PSDsoft Express for Flash
memory segment chip-select equations for FS0 -
FS7). CNTL0 and CNTL1 are blocked from the
PLDs with PMMR registers bits when these sig-
nals are specifically used in logic equations speci-
fied in PSDsoft Express.
Bit 0
X
0
Not used, and should be set to zero.
Bit 1
X
0
Not used, and should be set to zero.
Bit 2
PLD Array
CNTL0
0 = on Cntl0 input to the PLD AND Array is passed onto PLDs.
1 = off Cntl0 input to PLD AND Array is blocked, saving power.
Bit 3
PLD Array
CNTL1
0 = on Cntl1 input to the PLD AND Array is passed onto PLDs.
1 = off Cntl1 input to PLD AND Array is blocked, saving power.
Bit 4
PLD Array
CNTL2
0 = on Cntl2 input to the PLD AND Array is passed onto PLDs.
1 = off Cntl2 input to PLD AND Array is blocked, saving power.
Bit 5
PLD Array
PD0
0 = on PD0 input to the PLD AND Array is passed onto PLDs.
1 = off PD0 input to PLD AND Array is blocked, saving power.
Bit 6
PLD Array
PC7
0 = on PC7 input to the PLD AND Array is passed onto PLDs.
1 = off PC7 input to PLD AND Array is blocked, saving power.
Bit 7
X
0
Not used, and should be set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com