Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3 Datasheet(PDF) 33 Page - STMicroelectronics

Part # DSM2180F3
Description  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button DSM2180F3 Datasheet HTML 29Page - STMicroelectronics DSM2180F3 Datasheet HTML 30Page - STMicroelectronics DSM2180F3 Datasheet HTML 31Page - STMicroelectronics DSM2180F3 Datasheet HTML 32Page - STMicroelectronics DSM2180F3 Datasheet HTML 33Page - STMicroelectronics DSM2180F3 Datasheet HTML 34Page - STMicroelectronics DSM2180F3 Datasheet HTML 35Page - STMicroelectronics DSM2180F3 Datasheet HTML 36Page - STMicroelectronics DSM2180F3 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
33/63
DSM2180F3
puts, Direction Registers, and port pin input are all
connected to the Port Data Buffer (PDB).
The Port pin’s tri-state output driver enable is con-
trolled by a two input OR gate whose inputs come
from the CPLD AND Array enable product term
and the Direction Register. If the enable product
term of any of the Array outputs are not defined
and that port pin is not defined as a CPLD output
in PSDsoft ExpressTM, then the Direction Register
has sole control of the buffer that drives the port
pin.
The contents of these registers can be altered by
the DSP. The Port Data Buffer (PDB) feedback
path allows the DSP to check the contents of the
registers.
Ports B, and C have embedded IMCs. The IMCs
can be configured as registers (for sampling or de-
bouncing), as transparent latches, or direct inputs
to the PLDs. The registers and latches are clocked
by a product term from the PLD AND Array. The
outputs from the IMCs drive the PLD input bus and
can be read by the DSP. See the section entitled
“Input Macrocell”, on page 31.
Port Operating Modes
The I/O Ports have several modes of operation.
Modes are defined using PSDsoft ExpressTM, and
then runtime control from the DSP can occur using
the registers in the csiop block. See Application
Note AN1171 for more detail.
Table 11 summarizes which modes are available
on each port. Each of the port operating modes
are described in the following sections.
Table 11. Port Operating Modes
Note: 1. Can be multiplexed with other I/O functions.
MCU I/O Mode. In the MCU I/O mode, the DSP
uses the I/O Ports block to expand its own I/O
ports. The DSP can read I/O pins, set the direction
of I/O pins, and change the state of I/O pins by ac-
cessing the registers in the csiop block. The csiop
register definition and their addresses may be
found in Table 4.
The MCU I/O direction may be changed by writing
to the corresponding bit in the Direction Register,
or by the output enable product term. When the pin
is configured as an output, the content of the Data
Out Register drives the pin. When configured as
an input, the DSP can read the port input through
the Data In buffer. See Figure 19.
PLD I/O Mode. Inputs from Ports B and C to ei-
ther PLD (DPLD or CPLD) come through IMCs. In-
puts from Port D to either PLDs are routed directly
in and do not use IMCs. Outputs from the CPLD to
Port B come from the OMC group MCELLAB0-7.
Outputs from the CPLD to Port C come from OMC
group MCELLBC0-7. Outputs from the DPLD to
Port D come from the external chip select logic
block ECS0-2.
All PLD outputs may be tri-stated at the Port pins
with a control signal. This output enable control
signal can be defined by a product term from the
PLD, or by resetting the corresponding bit in the
Direction Register to 0. The corresponding bit in
the Direction Register must not be set to logic 1 by
the DSP if the pin is defined for a PLD input signal
in PSDsoft Express. The PLD I/O mode is defined
in PSDsoft Express by specifying PLD equations.
JTAG In-System Programming (ISP). Some of
the pins on Port C are based on the IEEE 1194.1
JTAG specification and is used for In-System Pro-
gramming (ISP). You can multiplex the function of
these Port C JTAG pins with other functions. ISP
is not performed very frequently in the life of the
product, so multiplexing these pin’s functions with
general purpose I/O functions gives more utility
from Port C. See the section entitled “Program-
ming In-Circuit Using JTAG ISP”, and Application
Note AN1153.
Port Configuration Registers (PCR). Each Port
has a set of Port Configuration Registers (PCR)
used for configuration of the pins. The contents of
the registers can be accessed by the DSP through
normal read/write bus cycles of the csiop registers
listed in Table 4.
The pins of a port are individually configurable and
each bit in the register controls its respective pin.
For example, Bit 0 in a register refers to Bit 0 of its
Port Mode
Port B
Port C
Port D
MCU I/O
Yes
Yes
Yes
PLD I/O
McellAB Outputs
McellBC Outputs
Additional Ext. CS Outputs
PLD Inputs
Yes
Yes
No
Yes
No
Yes
No
Yes
No
No
Yes
Yes
JTAG ISP
No
Yes1
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com