Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3 Datasheet(PDF) 13 Page - STMicroelectronics

Part # DSM2180F3
Description  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button DSM2180F3 Datasheet HTML 9Page - STMicroelectronics DSM2180F3 Datasheet HTML 10Page - STMicroelectronics DSM2180F3 Datasheet HTML 11Page - STMicroelectronics DSM2180F3 Datasheet HTML 12Page - STMicroelectronics DSM2180F3 Datasheet HTML 13Page - STMicroelectronics DSM2180F3 Datasheet HTML 14Page - STMicroelectronics DSM2180F3 Datasheet HTML 15Page - STMicroelectronics DSM2180F3 Datasheet HTML 16Page - STMicroelectronics DSM2180F3 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
13/63
DSM2180F3
MEMORY MAP
Figure 7 shows a typical system memory map.
The nomenclature fs0..fs7 are individual 16K Byte
Flash memory segment designators. csiop desig-
nates the DSM control register block. The DSP
runs in Full Memory Mode. Memory contents of
the DSM device may lie in one or more of three dif-
ferent DSP address spaces; I/O space, Byte DMA
space, and/or External Data Overlay Memory
space. Since the DSM device is a byte-wide mem-
ory, it typically is not used in DSP Program Mem-
ory space (PMS active).
The designer may easily specify memory mapping
in a point-and-click software environment using
PSDsoft ExpressTM. Since the memory mapping is
implemented with the DPLD and the Page Regis-
ter, many possibilities exist. Figure 7 shows a typ-
ical memory map with the following attributes:
I/O Address Space. The 256 byte locations for
DSM control registers (csiop) reside in DSP I/O
address space, selected by the DSP IOMS signal.
Since DSP I/O accesses are by 16 bits, not 8 bits,
the upper byte of a 16-bit DSP I/O access must be
ignored.
Byte DMA Address Space. The DSP may boot-
load or fetch overlay bytes from 128K Bytes of
Flash memory using the DSP BDMA channel. The
DSP may also write to Flash memory using the
Byte DMA channel. DSM Flash memory is ac-
cessed in 128K continuous byte address locations
through the BDMA channel and is selected when-
ever the DSP BMS signal is active.
Flash memory in the DSM device must be un-
locked and written by the DSP one byte at a time,
checking status after each write (typical Flash
memory programming algorithm). A DMA channel
is not optimum for this scenario since the channel
must be initialized on each byte access. That is
why the 128K Bytes of Flash memory also lie in
DSP Data Overlay Memory space as described
next.
Data Overlay Memory Address Space. All
128K Bytes of Flash memory also reside in DSP
External Data Overlay Memory space, selected by
DMS
, allowing more efficient byte writes to Flash
memory. The DSP uses its external data overlay
window of 8K locations to access external memory
as data. The DSP doubles the size of this window
to 16K locations by manipulating its A13 address
line using its DMOVLAY register (See ADSP-218X
data sheets for details). Since all 128K Bytes of
Flash memory must be accessed through a win-
dow of only 16K locations, the DSP uses the Page
Register inside the DSM device to page through 8
pages of 16K Bytes as shown in Figure 7. Since
DSP Data accesses are by 16 bits, not 8 bits, the
upper byte of a 16-bit DSP Data access must be
ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com