Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3 Datasheet(PDF) 25 Page - STMicroelectronics

Part # DSM2180F3
Description  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button DSM2180F3 Datasheet HTML 21Page - STMicroelectronics DSM2180F3 Datasheet HTML 22Page - STMicroelectronics DSM2180F3 Datasheet HTML 23Page - STMicroelectronics DSM2180F3 Datasheet HTML 24Page - STMicroelectronics DSM2180F3 Datasheet HTML 25Page - STMicroelectronics DSM2180F3 Datasheet HTML 26Page - STMicroelectronics DSM2180F3 Datasheet HTML 27Page - STMicroelectronics DSM2180F3 Datasheet HTML 28Page - STMicroelectronics DSM2180F3 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
25/63
DSM2180F3
DSM Security Bit
A programmable security bit in the DSM protects
its contents from unauthorized viewing and copy-
ing. When set, the security bit will block access of
programming devices (JTAG or others) to the
DSM Flash memory and PLD configuration. The
only way to defeat the security bit is to erase the
entire DSM device, after which the device is blank
and may be used again. The DSP will always have
access to Flash memory contents through the 8-bit
data port even while the security bit is set. The
DSP can read the status of the security bit (but it
cannot change it) by reading the Device Security
register in the csiop block as defined in Table 8.
Reset Flash
The Reset Flash instruction sequence resets the
internal memory logic state machine and puts
Flash memory into Read Array mode. It consists of
one write cycle (see Table 5). It must be executed
after:
– Reading the Flash Protection Status or Flash ID
– An Error condition has occurred (and the device
has set the Error Flag (DQ5) bit to 1) during a
Flash memory Program or Erase cycle.
The Reset Flash instruction sequence puts the
Flash memory back into normal Read Array mode.
It may take the Flash memory up to a few millisec-
onds to complete the Reset cycle. The Reset
Flash instruction sequence is ignored when it is is-
sued during a Program or Bulk Erase cycle of the
Flash memory. The Reset Flash instruction se-
quence aborts any on-going Sector Erase cycle,
and returns the Flash memory to the normal Read
Array mode within a few milliseconds.
Page Register
The 8-bit Page Register increases the addressing
capability of the DSP by a factor of up to 256. The
contents of the register can also be read by the
DSP. The outputs of the Page Register (PG0-
PG7) are inputs to the DPLD decoder and can be
included in the Sector Select (FS0-FS7) equa-
tions. See Figure 12.
If memory paging is not needed, or if not all 8 page
register bits are needed for memory paging, then
these bits may be used in the CPLD for general
logic. The eight flip-flops in the register are con-
nected to the internal data bus D0-D7. The DSP
can write to or read from the Page Register. The
Page Register can be accessed at address loca-
tion csiop + E0h. Page Register outputs are
cleared to logic 0 at reset.
Figure 12. Page Register
PLDs
The PLDs bring programmable logic to the device.
After specifying the logic for the PLDs using PSD-
soft Express, the logic is programmed into the de-
vice and available upon Power-up.
The PLDs have selectable levels of performance
and power consumption.
The device contains two PLDs: the Decode PLD
(DPLD), and the Complex PLD (CPLD), as shown
in Figure 13.
Table 9. DPLD and CPLD Inputs
Note: 1. DSP address lines A16, A17, and others may enter the
DSM device on any pin on ports B, C, or D. See Figure 6
for recommended connections.
2. Additional DSP control signals may enter the DMS device
on any pin on Ports B, C, or D. See Figure 6 for recom-
mended connections.
Input Source
Input Name
Number
of
Signals
DSP Address Bus1
A15-A0
16
DSP Control Signals2
CNTL2-CNTL0
3
Reset
RST
1
PortB Input Macrocells
PB7-PB0
8
PortC Input Macrocells
PC7-PC0
8
Port D Inputs
PD2-PD0
3
Page Register
PG7-PG0
8
Macrocell AB
Feedback
MCELLAB FB7-0
8
Macrocell BC
Feedback
MCELLBC FB7-0
8
Flash memory
Program Status Bit
Ready/Busy
1
RESET
D 0-D 7
R/W
D0
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
D1
D2
D3
D4
D5
D6
D7
PAGE
REGISTER
PGR0
PGR1
PGR2
PGR3
DPLD
AND
CPLD
INTERNAL
SELECTS
AND LOGIC
PLD
PGR4
PGR5
PGR6
PGR7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com