Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3 Datasheet(PDF) 41 Page - STMicroelectronics

Part # DSM2180F3
Description  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button DSM2180F3 Datasheet HTML 37Page - STMicroelectronics DSM2180F3 Datasheet HTML 38Page - STMicroelectronics DSM2180F3 Datasheet HTML 39Page - STMicroelectronics DSM2180F3 Datasheet HTML 40Page - STMicroelectronics DSM2180F3 Datasheet HTML 41Page - STMicroelectronics DSM2180F3 Datasheet HTML 42Page - STMicroelectronics DSM2180F3 Datasheet HTML 43Page - STMicroelectronics DSM2180F3 Datasheet HTML 44Page - STMicroelectronics DSM2180F3 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
41/63
DSM2180F3
Figure 24. Reset (RESET) Timing
Power On Reset, Warm Reset, Power-down
Power On Reset. Upon Power-up, the device re-
quires a Reset (RESET) pulse of duration tNLNH-PO
after VCC is steady. During this time period, the de-
vice loads internal configurations, clears some of
the registers and sets the Flash memory into Op-
erating mode. After the rising edge of Reset (RE-
SET
), the device remains in the Reset mode for an
additional period, tOPR, before the first memory ac-
cess is allowed.
The Flash memory is reset to the Read Array
mode upon Power-up. Sector Select FS0-FS7
must all be Low, Write Strobe (WR, CNTL0) High,
during Power On Reset for maximum security of
the data contents and to remove the possibility of
a byte being written on the first edge of Write
Strobe (WR, CNTL0). Any Flash memory Write cy-
cle initiation is prevented automatically when VCC
is below VLKO.
Table 19. Status During Power-On Reset, Warm Reset and Power-down Mode
Warm Reset. Once the device is up and running,
the device can be reset with a pulse of a much
shorter duration, tNLNH. The same tOPR period is
needed before the device is operational after
warm reset. Figure 24 shows the timing of the
Power-up and warm reset.
I/O Pin, Register and PLD Status at Reset. Ta-
ble 19 shows the I/O pin, register and PLD status
during Power On Reset, warm reset and Power-
down mode. PLD outputs are always valid during
warm reset, and they are valid in Power On Reset
once the internal device Configuration bits are
loaded. This loading of the device is completed
typically long before the VCC ramps up to operat-
ing level. Once the PLD is active, the state of the
outputs are determined by the PSDsoft Express
equations.
Programming In-Circuit using JTAG ISP
In-System Programming (ISP) can be performed
through the JTAG signals on Port C. This serial in-
terface allows programming of the entire DSM de-
vice or subsections (i.e. only Flash memory but not
the PLDs) without and participation of the DSP. A
blank DSM device soldered to a circuit board can
be completely programmed in 10 to 20 seconds.
The basic JTAG signals; TMS, TCK, TDI, and
TDO form the IEEE-1149.1 interface. The DSM
device does not implement the IEEE-1149.1
Boundary Scan functions. The DSM uses the
JTAG interface for ISP only. However, the DSM
device can reside in a standard JTAG chain with
other JTAG devices as it will remain in BYPASS
mode while other devices perform Boundary
Scan.
tNLNH-PO
tOPR
AI02866b
RESET
tNLNH
tNLNH-A
tOPR
VCC
V
CC(min)
Power-On Reset
Warm Reset
Port Configuration
Power-On Reset
Warm Reset
Power-down Mode
MCU I/O
Input mode
Input mode
Unchanged
PLD Output
Valid after internal PSD
configuration bits are
loaded
Valid
Depends on inputs to PLD
(addresses are blocked in
PD mode)
Register
Power-On Reset
Warm Reset
Power-down Mode
PMMR0 and PMMR2
Cleared to 0
Unchanged
Unchanged
OMC Flip-flop status
Cleared to 0 by internal
Power-On Reset
Depends on .re and .pr
equations
Depends on .re and .pr
equations
All other registers
Cleared to 0
Cleared to 0
Unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com