Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3 Datasheet(PDF) 58 Page - STMicroelectronics

Part # DSM2180F3
Description  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button DSM2180F3 Datasheet HTML 54Page - STMicroelectronics DSM2180F3 Datasheet HTML 55Page - STMicroelectronics DSM2180F3 Datasheet HTML 56Page - STMicroelectronics DSM2180F3 Datasheet HTML 57Page - STMicroelectronics DSM2180F3 Datasheet HTML 58Page - STMicroelectronics DSM2180F3 Datasheet HTML 59Page - STMicroelectronics DSM2180F3 Datasheet HTML 60Page - STMicroelectronics DSM2180F3 Datasheet HTML 61Page - STMicroelectronics DSM2180F3 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
DSM2180F3
58/63
Table 36. Assignments – PLCC52
e
1.27
–
–
0.050
–
–
R
0.89
–
–
0.035
–
–
N52
52
Nd
13
13
Ne
13
13
Pin No.
Pin Assignments
Pin No.
Pin Assignments
1GND
27
PA2
2
PB5
28
PA1
3PB4
29
PA0
4
PB3
30
AD0
5
PB2
31
AD1
6
PB1
32
AD2
7
PB0
33
AD3
8PD2
34
AD4
9PD1
35
AD5
10
PD0
36
AD6
11
PC7
37
AD7
12
PC6
38
VCC
13
PC5
39
AD8
14
PC4
40
AD9
15
VCC
41
AD10
16
GND
42
AD11
17
PC3
43
AD12
18
PC2 (VSTBY)
44
AD13
19
PC1
45
AD14
20
PC0
46
AD15
21
PA7
47
CNTL0
22
PA6
48
RESET
23
PA5
49
CNTL2
24
PA4
50
CNTL1
25
PA3
51
PB7
26
GND
52
PB6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com