Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3 Datasheet(PDF) 26 Page - STMicroelectronics

Part # DSM2180F3
Description  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button DSM2180F3 Datasheet HTML 22Page - STMicroelectronics DSM2180F3 Datasheet HTML 23Page - STMicroelectronics DSM2180F3 Datasheet HTML 24Page - STMicroelectronics DSM2180F3 Datasheet HTML 25Page - STMicroelectronics DSM2180F3 Datasheet HTML 26Page - STMicroelectronics DSM2180F3 Datasheet HTML 27Page - STMicroelectronics DSM2180F3 Datasheet HTML 28Page - STMicroelectronics DSM2180F3 Datasheet HTML 29Page - STMicroelectronics DSM2180F3 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
DSM2180F3
26/63
The DPLD performs address decoding, and gen-
erates select signals for internal and external com-
ponents, such as memory, registers, and I/O ports.
The DPLD can generates External Chip Select
(ECS0-ECS2) signals on Port D.
The CPLD can be used for logic functions, such as
loadable counters and shift registers, state ma-
chines, and encoding and decoding logic. These
logic functions can be constructed using the 16
Output Macrocells (OMC), 16 Input Macrocells
(IMC), and the AND Array.
The AND Array is used to form product terms.
These product terms are configured from the logic
definition entered in PSDsoft Express. An Input
Bus consisting of 64 signals is connected to the
PLDs. Input signals are shown in Table 9.
Turbo Bit. The PLDs in the device can minimize
power consumption by switching off when inputs
remain unchanged for an extended time of about
70 ns. Resetting the Turbo bit to 0 (Bit 3 of the
PMMR0 register) automatically places the PLDs
into standby if no inputs are changing. Turning the
Turbo mode off increases propagation delays
while reducing power consumption. Additionally,
five bits are available in the PMMR registers in
csiop to block DSP control signals from entering
the PLDs. This reduces power consumption and
can be used only when these DSP control signals
are not used in PLD logic equations. Each of the
two PLDs has unique characteristics suited for its
applications. They are described in the following
sections.
Figure 13. PLD Diagram
8
Input Macrocell and Input Ports
Direct Macrocell Input to MCU Data Bus
CSIOP Select
DECODE PLD
(DPLD)
PAGE
REGISTER
External Chip Selects to PORT D
JTAG Select
CPLD
PT
ALLOC.
Macrocell
Alloc.
MCELLAB
MCELLBC
Direct Macrocell Access from MCU Data Bus
16 Input Macrocell
(PORT B,C)
16 Output
Macrocell
Flash Memory Selects
3
PORT D Inputs
to PORT B
to PORT B or C
Data
Bus
8
8
8
1
3
1
64
16
64
16
Output Macrocell Feedback
AI04900B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com