Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3 Datasheet(PDF) 31 Page - STMicroelectronics

Part # DSM2180F3
Description  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button DSM2180F3 Datasheet HTML 27Page - STMicroelectronics DSM2180F3 Datasheet HTML 28Page - STMicroelectronics DSM2180F3 Datasheet HTML 29Page - STMicroelectronics DSM2180F3 Datasheet HTML 30Page - STMicroelectronics DSM2180F3 Datasheet HTML 31Page - STMicroelectronics DSM2180F3 Datasheet HTML 32Page - STMicroelectronics DSM2180F3 Datasheet HTML 33Page - STMicroelectronics DSM2180F3 Datasheet HTML 34Page - STMicroelectronics DSM2180F3 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
31/63
DSM2180F3
The OMC Mask Register. There is one Mask
Register for each of the two groups of eight Output
Macrocells (OMC). The Mask Registers can be
used to block the loading of data to individual Out-
put Macrocells (OMC). The default value for the
Mask Registers is 00h, which allows loading of the
Output Macrocells (OMC). When a given bit in a
Mask Register is set to a 1, the DSP is blocked
from writing to the associated Output Macrocells
(OMC). For example, suppose McellAB0-3 are be-
ing used for a state machine. You would not want
a DSP write to McellAB to overwrite the state ma-
chine registers. Therefore, you would want to load
the Mask Register for McellAB (Mask Macrocell
AB) with the value 0Fh.
The Output Enable of the OMC. The
Output
Macrocells (OMC) block can be connected to an I/
O port pin as a PLD output. The output enable of
each port pin driver is controlled by a single prod-
uct term from the AND Array, ORed with the Direc-
tion Register output. The pin is enabled upon
Power-up if no output enable equation is defined
and if the pin is declared as a PLD output in PSD-
soft Express.
If the Output Macrocell (OMC) output is specified
as an internal node and not as a port pin output in
the PSDsoft Express, then the port pin can be
used for other I/O functions. The internal node
feedback can be routed as an input to the AND Ar-
ray.
Figure 18. Input Macrocell
Input Macrocells (IMC). The CPLD has 16 Input
Macrocells (IMC), one for each pin on Ports B and
C. The architecture of the IMCs is shown in Figure
18. The IMCs are individually configurable, and
can be used as a latch, a register, or to pass in-
coming Port signals prior to driving them onto the
PLD input bus. This is useful for sampling and de-
bouncing inputs to the AND array (keypad inputs,
etc.). Additionally, the outputs of the IMCs can be
read by the DSP asynchronously at any time
through the internal data bus using the csiop reg-
ister block (see Table 4).
The enable for the latch and clock for the register
are driven by a product term from the CPLD. Each
product term output is used to latch or clock four
IMCs. Port inputs 3-0 can be controlled by one
product term and 7-4 by another.
Configurations for the IMCs are specified by equa-
tions specified in PSDsoft Express. See Applica-
tion note AN1171.
OUTPUT
Microcells BC
AND
Microcells AB
PT
PT
Feedback
Port
Driver
I/O Pin
INTERNAL DATA BUS
D [ 7: 0]
DIRECTION
REGISTER
MUX
PT
Q
Q
D
D
G
LATCH
Input Microcell
ENABLE (.OE)
D FF
INPUT MACROCELL _ RD
AI04904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com