Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3 Datasheet(PDF) 17 Page - STMicroelectronics

Part # DSM2180F3
Description  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button DSM2180F3 Datasheet HTML 13Page - STMicroelectronics DSM2180F3 Datasheet HTML 14Page - STMicroelectronics DSM2180F3 Datasheet HTML 15Page - STMicroelectronics DSM2180F3 Datasheet HTML 16Page - STMicroelectronics DSM2180F3 Datasheet HTML 17Page - STMicroelectronics DSM2180F3 Datasheet HTML 18Page - STMicroelectronics DSM2180F3 Datasheet HTML 19Page - STMicroelectronics DSM2180F3 Datasheet HTML 20Page - STMicroelectronics DSM2180F3 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
17/63
DSM2180F3
RUNTIME CONTROL REGISTER DEFINITION
There are up to 256 addresses decoded inside the
DSM device for control and status information. 27
of these locations contain registers that the DSP
can access at runtime. The base address of this
block of 256 locations is referred to in this manual
as csiop (Chip Select I/O Port). Table 4 lists the 27
registers and their offsets (in hex) from the csiop
base address needed to access individual DSM
control and status registers. The DSP will access
these registers in I/O memory space using its IOMS
strobe. These registers are accesses in bytes, so
the DSP should ignore the upper byte of its 16-bit
I/O access.
Note1: All csiop registers are cleared to logic 0 at
reset.
Note2: Do not write to unused locations within the
csiop block of 256 registers. They should remain
logic zero.
Table 4. CSIOP Registers and their Offsets (in hex)
Register Name
Port B
Port C
Port D
Other
Description
Data In
01
10
11
MCUI/O input mode. Read to obtain current logic level of
Port pins. No writes.
Data Out
05
12
13
MCU I/O output mode. Write to set logic level on Port
pins. Read to check status.
Direction
07
14
15
MCU I/O mode. Configures Port pin as input or output.
Write to set direction of Port pins.
Logic 1 = out, Logic 0 = in. Read to check status.
Drive Select
09
16
17
Write to configure Port pins as either standard CMOS or
Open Drain on some pins, while selecting high slew rate
on other pins. Read to check status.
Input Macrocells
0B
18
Read to obtain state of IMCs. No writes.
Enable Out
0D
1A
1B
Read to obtain the status of the output enable logic on
each I/O Port driver. No writes.
Output Macrocells AB
20
Read to get logic state of output of OMC bank AB.
Write to load registers of OMC bank AB.
Output Macrocells BC
21
Read to get logic state of output of OMC bank BC.
Write to load registers of OMC bank BC.
Mask Macrocells AB
22
Write to set mask for loading OMCs in bank AB. A logic
1 in a bit position will block reads/writes of the
corresponding OMC. A logic 0 will pass OMC value.
Read to check status.
Mask Macrocells BC
23
Write to set mask for loading OMCs in bank BC. A logic
1 in a bit position will block reads/writes of the
corresponding OMC. A logic 0 will pass OMC value.
Read to check status.
Flash Sector Protect
C0
Read to determine Flash Sector Protection Setting. No
writes.
Security Bit
C2
Read to determine if DSM devices Security Bit is active.
Logic 1 = device secured. No writes.
JTAG Enable
C7
Write to enable JTAG Pins (optional feature). Read to
check status.
PMMR0
B0
Power Management Register 0. Write and read.
PMMR2
B4
Power Management Register 2. Write and read.
Page
E0
Memory Page Register. Write and read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com